Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232Y Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # TOP232Y
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP232Y Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button TOP232Y Datasheet HTML 9Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 10Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 11Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 12Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 13Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 14Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 15Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 16Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 17Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TOP232-234
B
7/01
13
PI-2522-040401
DC
Input
Voltage
+
-
D
S
C
RMC
45 k
Ω
M
CONTROL
QR
QR can be an optocoupler
output or can be replaced
by a manual switch.
ON/OFF
47 k
Ω
Figure 20. Active-off Remote ON/OFF.
Figure 19. Active-on (Fail Safe) Remote ON/OFF.
PI-2519-040401
DC
Input
Voltage
+
-
D
S
C
QR
ON/OFF
M
CONTROL
QR can be an optocoupler
output or can be replaced by
a manual switch.
47 k
Ω
PI-2523-040401
DC
Input
Voltage
+
-
D
S
C
RLS
M
For RLS = 2 MΩ
VUV = 100 VDC
VOV = 450 VDC
CONTROL
QR
2 M
Ω
QR can be an optocoupler
output or can be replaced
by a manual switch.
ON/OFF
47 k
Ω
Figure 23. Active-off Remote ON/OFF with Line Sense.
Figure 22. Active-off Remote ON/OFF with Externally Set Current
Limit.
PI-2521-040401
DC
Input
Voltage
+
-
D
S
C
RIL
RMC
24 k
Ω
12 k
Ω
M
CONTROL
QR
2RIL
RMC =
QR can be an optocoupler
output or can be replaced
by a manual switch.
ON/OFF
47 k
Ω
Figure 21. Active-on Remote ON/OFF with Externally Set Current
Limit.
PI-2520-040401
DC
Input
Voltage
+
-
D
S
C
QR
RIL
M
CONTROL
12 k
Ω
For RIL =
ILIMIT = 67 %
QR can be an optocoupler
output or can be replaced
by a manual switch.
ON/OFF
47 k
Ω
25 k
Ω
For RIL =
ILIMIT = 40 %
Typical Uses of MULTI-FUNCTION (M) Pin (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com