Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27L2ACPSLE Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC27L2ACPSLE
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2ACPSLE Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC27L2ACPSLE Datasheet HTML 14Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 15Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 16Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 17Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 18Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 19Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 20Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 21Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 10
VDD = 3 V
VDD = 4 V
VDD = 5 V
4
3
2
1
−8
−6
−4
−2
5
−10
IOH − High-Level Output Current − mA
0
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
TA = 25°C
VID = 100 mV
Figure 11
TA = 25°C
VID = 100 mV
VDD = 10 V
14
12
10
8
6
4
2
−30
−20
−10
16
− 40
IOH − High-Level Output Current − mA
0
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
−5
−15
− 25
−35
VDD = 16 V
Figure 12
TA = 25°C
RL = 10 kΩ
VID = 100 mV
0
16
2
4
6
8
10
12
14
14
12
10
8
6
4
2
16
VDD − Supply Voltage − V
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 13
VDD = 10 V
VDD = 5 V
−75
− 2.4
TA − Free-Air Temperature − °C
125
VDD −1.6
−50
−25
0
20
50
75
100
− 2.3
− 2.2
− 2.1
−2
− 1.9
− 1.8
− 1.7
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VID = 100 mA
IOH = − 5 mA
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com