Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27L2ACPSLE Datasheet(PDF) 26 Page - Texas Instruments

Part # TLC27L2ACPSLE
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2ACPSLE Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC27L2ACPSLE Datasheet HTML 22Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 23Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 24Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 25Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 26Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 27Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 28Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 29Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
single-supply operation
While the TLC27L2 and TLC27L7 perform well using dual power supplies (also called balanced or split
supplies), the design is optimized for single-supply operation. This design includes an input common-mode
voltage range that encompasses ground as well as an output voltage range that pulls down to ground. The
supply voltage range extends down to 3 V (C-suffix types), thus allowing operation with supply levels commonly
available for TTL and HCMOS; however, for maximum dynamic range, 16-V single-supply operation is
recommended.
Many single-supply applications require that a voltage be applied to one input to establish a reference level that
is above ground. A resistive voltage divider is usually sufficient to establish this reference level (see Figure 38).
The low input bias current of the TLC27L2 and TLC27L7 permits the use of very large resistive values to
implement the voltage divider, thus minimizing power consumption.
The TLC27L2 and TLC27L7 work well in conjunction with digital logic; however, when powering both linear
devices and digital logic from the same power supply, the following precautions are recommended:
1.
Power the linear devices from separate bypassed supply lines (see Figure 39); otherwise, the linear
device supply rails can fluctuate due to voltage drops caused by high switching currents in the digital
logic.
2.
Use proper bypass techniques to reduce the probability of noise-induced errors. Single capacitive
decoupling is often adequate; however, high-frequency applications may require RC decoupling.
0.01
µF
C
R3
VREF
VI
R1
R2
VDD
VO
R4
V
REF +
V
DD
R3
R1
) R3
V
O +
V
REF
–V
I
R4
R2
) V
REF
Figure 38. Inverting Amplifier With Voltage Reference
(b) SEPARATE BYPASSED SUPPLY RAILS (preferred)
(a) COMMON SUPPLY RAILS
Logic
Logic
Logic
Supply
Power
Logic
Logic
Logic
Supply
Power
VO
VO
Figure 39. Common Versus Separate Supply Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com