Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27L2ACPSLE Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC27L2ACPSLE
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2ACPSLE Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC27L2ACPSLE Datasheet HTML 6Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 7Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 8Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 9Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 10Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 11Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 12Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 13Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC27L2C
TLC27L2AC
TLC27L2BC
TLC27L7C
UNIT
MIN
TYP
MAX
25
°C
0.03
R = 1 M ,
VI(PP) = 1 V
0
°C
0.04
SR
Slew rate at unity gain
RL = 1 MΩ,
CL = 20 pF,
VI(PP) = 1 V
70
°C
0.03
V/ s
SR
Slew rate at unity gain
L
CL = 20 pF,
See Figure 1
25
°C
0.03
V/
µs
See Figure 1
VI(PP) = 2.5 V
0
°C
0.03
VI(PP) = 2.5 V
70
°C
0.02
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
68
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
68
nV/
√Hz
VO = VOH,
CL = 20 pF,
25
°C
5
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 1 MΩ,
CL = 20 pF,
See Figure 1
0
°C
6
kHz
BOM
Maximum output-swing bandwidth
RL = 1 MΩ,
See Figure 1
70
°C
4.5
kHz
VI = 10 mV,
CL = 20 pF,
25
°C
85
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
0
°C
100
kHz
B1
Unity-gain bandwidth
See Figure 3
70
°C
65
kHz
VI = 10 mV,
f = B1,
25
°C
34
°
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
See Figure 3
0
°C
36
°
φm
Phase margin
CL = 20 pF,
See Figure 3
70
°C
30
°
operating characteristics, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC27L2C
TLC27L2AC
TLC27L2BC
TLC27L7C
UNIT
MIN
TYP
MAX
25
°C
0.05
R = 1 M ,
VI(PP) = 1 V
0
°C
0.05
SR
Slew rate at unity gain
RL = 1 MΩ,
CL = 20 pF,
VI(PP) = 1 V
70
°C
0.04
V/ s
SR
Slew rate at unity gain
L
CL = 20 pF,
See Figure 1
25
°C
0.04
V/
µs
See Figure 1
VI(PP) = 5.5 V
0
°C
0.05
VI(PP) = 5.5 V
70
°C
0.04
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
68
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
68
nV/
√Hz
VO = VOH,
CL = 20 pF,
25
°C
1
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 1 MΩ,
CL = 20 pF,
See Figure 1
0
°C
1.3
kHz
BOM
Maximum output-swing bandwidth
RL = 1 MΩ,
See Figure 1
70
°C
0.9
kHz
VI = 10 mV,
CL = 20 pF,
25
°C
110
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
0
°C
125
kHz
B1
Unity-gain bandwidth
See Figure 3
70
°C
90
kHz
VI = 10 mV,
f = B1,
25
°C
38
°
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
See Figure 3
0
°C
40
°
φm
Phase margin
CL = 20 pF,
See Figure 3
70
°C
34
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com