Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27L2ACPSLE Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC27L2ACPSLE
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2ACPSLE Datasheet(HTML) 4 Page - Texas Instruments

  TLC27L2ACPSLE Datasheet HTML 1Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 2Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 3Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 4Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 5Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 6Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 7Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 8Page - Texas Instruments TLC27L2ACPSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC27L2C
TLC27L2AC
TLC27L2BC
TLC27L7C
UNIT
MIN
TYP
MAX
TLC27L2C
VO = 1.4 V,
VIC = 0,
25
°C
1.1
10
TLC27L2C
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 1 MΩ
Full range
12
mV
TLC27L2AC
VO = 1.4 V,
VIC = 0,
25
°C
0.9
5
mV
VIO
Input offset voltage
TLC27L2AC
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 1 MΩ
Full range
6.5
VIO
Input offset voltage
TLC27L2BC
VO = 1.4 V,
VIC = 0,
25
°C
204
2000
TLC27L2BC
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 1 MΩ
Full range
3000
V
TLC27L7C
VO = 1.4 V,
VIC = 0,
25
°C
170
500
µV
TLC27L7C
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 1 MΩ
Full range
1500
VIO
Average temperature coefficient of input
25
°C to
1.1
V/
°C
αVIO
Average temperature coefficient of input
offset voltage
25 C to
70
°C
1.1
µV/°C
IIO
Input offset current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
25
°C
0.1
60
pA
IIO
Input offset current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
70
°C
7
300
pA
IIB
Input bias current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
25
°C
0.6
60
pA
IIB
Input bias current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
70
°C
50
600
pA
− 0.2
− 0.3
25
°C
− 0.2
to
− 0.3
to
V
VICR
Common-mode input voltage range
25 C
to
4
to
4.2
V
VICR
Common-mode input voltage range
(see Note 5)
− 0.2
(see Note 5)
Full range
− 0.2
to
V
Full range
to
3.5
V
25
°C
3.2
4.1
VOH
High-level output voltage
VID = 100 mV,
RL = 1 MΩ
0
°C
3
4.1
V
VOH
High-level output voltage
VID = 100 mV,
RL = 1 MΩ
70
°C
3
4.2
V
25
°C
0
50
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 0
0
°C
0
50
mV
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 0
70
°C
0
50
mV
Large-signal differential voltage
25
°C
50
700
AVD
Large-signal differential voltage
amplification
VO = 0.25 V to 2 V,
RL = 1 MΩ
0
°C
50
700
V/mV
AVD
amplification
VO = 0.25 V to 2 V,
RL = 1 MΩ
70
°C
50
380
V/mV
25
°C
65
94
CMRR
Common-mode rejection ratio
VIC = VICRmin
0
°C
60
95
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
70
°C
60
95
dB
Supply-voltage rejection ratio
25
°C
70
97
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
0
°C
60
97
dB
kSVR
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
70
°C
60
98
dB
VO = 2.5 V,
VIC = 2.5 V,
25
°C
20
34
IDD
Supply current (two amplifiers)
VO = 2.5 V,
No load
VIC = 2.5 V,
0
°C
24
42
µA
IDD
Supply current (two amplifiers)
No load
70
°C
16
28
µA
† Full range is 0°C to 70°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com