Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45DW Datasheet(PDF) 8 Page - Diodes Incorporated

Part # 74LVC1T45DW
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1T45DW Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC1T45DW Datasheet HTML 4Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 5Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 6Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 7Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 8Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 9Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 10Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 11Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
74LVC1T45
Document number: DS35804 Rev. 2 - 2
8 of 14
www.diodes.com
June 2013
© Diodes Incorporated
74LVC1T45
Parameter Measurement Information
RL
RL
CL
(see Note A)
From Output
Under Test
VLOAD
Open
GND
S1
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
Vload
tPHZ/tPZH
GND
VCC
Inputs
VM
VLOAD
CL
RL
V•
VI
tr/tf
1.8V±0.15V
VCCI
• 2ns
VCCO/2
2 X VCCO
15pF
2K•
0.15V
2.5V±0.2V
VCC
• 2ns
VCCO/2
2 X VCCO
15pF
2K•
0.15V
3.3V±0.3V
3V
• 2.5ns
VCCO/2
2 X VCCO
15pF
2K•
0.3V
5V±0.5V
VCC
• 2.5ns
VCCO/2
2 X VCCO
15pF
2K•
0.3V
Input
tW
Vl
0 V
VCCI /2
VCCI /2
Voltage Waveform Pulse Duration
Output
Control
VM
VM
Vl
0 V
tPZL
tPZH
VM
VLOAD/2
VM
tPHZ
VOH
VOL
VOH - V
Output
Waveform 1
S1 at VLOAD
(see Note B)
VOL + V
Output
Waveform 2
S1 at GND
(see Note B)
tPLZ
0V
Voltage Waveform Enable and Disable Times
Low and High Level Enabling
Input
VM
VM
Vl
0 V
tPHL
tPLH
tPHL
VM
VM
VM
tPLH
VOH
VOL
VOH
VOL
Output
Output
VM
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. Waveform 1 is for an output with input set up as a low and device coming out or into 3-state via DIR control.
Waveform 2 is for an output with input set up as a high and device coming out or into 3-state via DIR control.
C. All pulses are supplied at pulse repetition rate • 10 MHz.
D. tPLZ and tPHZ are the same as tdis.
E. tPZL and tPZH are the same as tEN.
F. tPLH and tPHL are the same as tPD.
G. VCCI is the VCC associated with the input.
F. VCCO is the VCC associated with the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com