Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45DW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC1T45DW
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1T45DW Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC1T45DW Datasheet HTML 1Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 2Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 3Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 4Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 5Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 6Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 7Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 8Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC1T45
Document number: DS35804 Rev. 2 - 2
1 of 14
www.diodes.com
June 2013
© Diodes Incorporated
74LVC1T45
SINGLE BIT DUAL POWER SUPPLY TRANSLATING
TRANSCEIVER WITH 3 STATE OUTPUTS
Description
The 74LVC1T45 is a single bit, dual supply transceiver with 3-state
outputs suitable for transmitting a single logic bit across different
voltage domains. The A input/output pin is designed to track VCCA
while the B input/output tracks VCCB. This arrangement allows for
universal low-voltage translation between any voltages from 1.65V to
5.5V. The Direction pin (DIR) controls the direction of the transceiver
and in a logic voltage related to VCCA. When a high logic level is
applied to DIR the A pin becomes an input and the B pin becomes the
output. Conversely the roles of A and B are reversed when DIR is
asserted low.
The 3-state feature occurs when either of the power supply voltages
are zero. This is also an Ioff feature and allows for the output to
remain in a high impedance state with both power supplies at 0V
preventing and damaging backflow currents and providing power
down electrical isolation up to 5.5V as not to interfere with any logic
activity on pin A or B.
Features
•
Wide Supply Voltage Range:
VCC(A): from 1.65V to 5.5V
VCC(B): from 1.65V to 5.5V
•
± 24mA Output Drive at 3.3V
•
CMOS low power consumption 16µA maximum ICC
•
High Noise Immunity -- (100mV hysteresis typical)
•
IOFF Supports Partial-Power-Down Mode Operation
•
IOFF controlled by either VCC being at 0 V
•
Inputs accept up to 5.5V
•
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
1000 V Charged Device Model ( C101)
•
Latch-Up Exceeds 100mA per JESD 78, Class II
•
X2-DFN1409-6 package designed as a direct replacement for
chip scale packaging.
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
2
4
5
6
3
1
(Top View)
X2-DFN1410-6
A
GND
B
DIR
Vcc(A)
Vcc(B)
X2-DFN1409-6
Chip Scale
Alternative
A
GND
B
DIR
Vcc(A)
Vcc(B)
1
6
5
4
3
2
(Bottom View)
(Top View )
X2-DFN1010-6
A
GND
B
1
2
3
4
5
6
DIR
Vcc(A)
Vcc(B)
B
SOT26 SOT363 SOT563
(Top View)
GND
A
4
3
2
1
6
Vcc(A)
5
Vcc(B)
DIR
Applications
•
Voltage Level Translation
Well suited to join logic types operating at different voltages
•
Power Down Signal Isolation
If either voltage domain is turned off the signal is isolated and
there is no loading on signal lines
•
Wide array of products such as:
Cell Phones, Tablets, E-Readers
PCs, notebooks, netbooks, ultrabooks
Networking, routers, gateways
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Click for Ordering Information


Similar Part No. - 74LVC1T45DW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
logo
Nexperia B.V. All right...
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45GF PHILIPS-74LVC1T45GF Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
More results

Similar Description - 74LVC1T45DW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
NLA16T245 ONSEMI-NLA16T245 Datasheet
186Kb / 11P
Configurable Dual-Supply Translating Transceiver with 3-State Outputs
September, 2013 ??Rev. 0
logo
Diodes Incorporated
74LVC2T45 DIODES-74LVC2T45 Datasheet
842Kb / 15P
DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021
74AVCH1T45 DIODES-74AVCH1T45 Datasheet
565Kb / 17P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
74LVCH2T45 DIODES-74LVCH2T45 Datasheet
842Kb / 16P
DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com