Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45DW Datasheet(PDF) 9 Page - Diodes Incorporated

Part # 74LVC1T45DW
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1T45DW Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button 74LVC1T45DW Datasheet HTML 5Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 6Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 7Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 8Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 9Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 10Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 11Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 12Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74LVC1T45
Document number: DS35804 Rev. 2 - 2
9 of 14
www.diodes.com
June 2013
© Diodes Incorporated
74LVC1T45
Ordering Information
74LVC1T 45 XXX - 7
Function
Package
7 : Tape & Reel
Packing
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1T : One gate
45 : 1- Bit
Transceiver
with direction
contol
With Voltage
Translation
Z6 : SOT563
FW4 : X2-DFN1010-6
FZ4 : X2-DFN1410-6
: SOT363
DW
: SOT26
W6
FX4 : X2-DFN1409-6
Part Number
Package Code
Packaging
7” Tape and Reel (Note 7)
Quantity
Part Number Suffix
74LVC1T45W6-7**
W6
SOT26
3000/Tape & Reel
-7
74LVC1T45DW-7**
DW
SOT363
3000/Tape & Reel
-7
74LVC1T45Z6-7 **
Z6
SOT563
4000/Tape & Reel
-7
74LVC1T45FW4-7
FW4
X2-DFN1010-6
5000/Tape & Reel
-7
74LVC1T45FZ4-7
FZ4
X2-DFN1410-6
5000/Tape & Reel
-7
74LVC1T45FX4-7
FX4
X2-DFN1409-6
5000/Tape & Reel
-7
Notes:
8. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf
** Future packages.
Marking Information
(1) SOT363, SOT563
1
2
3
6
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal Code
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
5
Part Number
Package
Identification Code
74LVC1T45W6
SOT26
TT
74LVC1T45DW
SOT363
TR
74LVC1T45Z6
SOT563
TS
(2) X2-DFN1010-6, X2-DFN1410-6, and X2-DFN1409-6
Part Number
Package
Identification Code
74LVC1T45FW4
X2-DFN1010-6
TR
74LVC1T45FX4
X2-DFN1409-6
TT
74LVC1T45FZ4
X2-DFN1410-6
TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com