Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45DW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC1T45DW
Description  SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1T45DW Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC1T45DW Datasheet HTML 1Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 2Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 3Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 4Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 5Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 6Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 7Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 8Page - Diodes Incorporated 74LVC1T45DW Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74LVC1T45
Document number: DS35804 Rev. 2 - 2
2 of 14
www.diodes.com
June 2013
© Diodes Incorporated
74LVC1T45
Pin Descriptions
Pin Name
Pin
Function
VCC(A)
1
Supply for I/O pin A and reference for DIR
GND
2
Ground
A
3
Data Input/Output
B
4
Data Input/Output
DIR
5
Direction Control
VCC(B)
6
Supply for I/O pin B
Logic Diagram
5
3
4
DIR
A
B
V
CC(A)
V
CC(B)
Function Tables
Input
DIR (Direction Pin)
Operation
L
B data to A output
H
A data to B output
Inputs
Outputs
A
B
DIR
A
B
*
L
L
L
*
*
H
L
H
*
L
*
H
*
L
H
*
H
*
H
*pin condition not applicable as defined by DIR.
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC(A), VCC(B)
Supply Voltage Range
-0.5 to +6.5
V
VI
Input Voltage Range
-0.5 to +6.5
V
VO
Voltage Applied to Output in High Impedance or IOFF State
-0.5 to +6.5
V
VO
Voltage Applied to Output in High or Low State
A pin
-0.3 to VCC(A) +0.5
V
B pin
-0.3 to VCC(B) +0.5
V
IIK
Input Clamp Current VI<0
-50
mA
IOK
Output Clamp Current
-50
mA
IO
Continuous Output Current
±50
mA
Continuous Current Through Vcc or GND
±100
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
Notes:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device
operation should be within recommend values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com