Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372VB Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F372VB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VB Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F372VB Datasheet HTML 56Page - STMicroelectronics STM32F372VB Datasheet HTML 57Page - STMicroelectronics STM32F372VB Datasheet HTML 58Page - STMicroelectronics STM32F372VB Datasheet HTML 59Page - STMicroelectronics STM32F372VB Datasheet HTML 60Page - STMicroelectronics STM32F372VB Datasheet HTML 61Page - STMicroelectronics STM32F372VB Datasheet HTML 62Page - STMicroelectronics STM32F372VB Datasheet HTML 63Page - STMicroelectronics STM32F372VB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
Electrical characteristics
STM32F37x
60/128
Doc ID 022691 Rev 3
IDD
Supply
current in
Run mode,
code
executing
from RAM
HSE
bypass,
PLL on
72 MHz
63.6
(2)
70.7(2) 75.7(2)
72.3(2)
30.0
(2)
31.9(2) 32.6(2) 33.8(2)
mA
64 MHz 56.7
62.5
67.1
64.0
26.7
28.6
29.3
30.0
48 MHz 42.0
50.5
47.4
50.1
20.2
21.5
22.1
22.7
32 MHz 28.3
32.1
31.8
33.7
13.4
14.6
14.8
15.7
24 MHz 21.1
25.0
24.2
25.9
10.0
11.3
11.2
12.6
HSE
bypass,
PLL off
8 MHz
6.9
7.4
8.3
8.7
3.4
3.7
4.1
4.8
1 MHz
0.8
1.2
1.5
2.0
0.4
0.6
1.0
1.5
HSI clock,
PLL on
64 MHz 51.9
59.5
59.4
58.6
26.4
28.1
28.7
29.5
48 MHz 38.1
44.7
43.8
45.4
20.0
21.3
21.9
22.3
32 MHz 25.9
31.2
29.4
30.5
13.2
14.3
14.6
15.5
24 MHz 19.6
22.7
22.6
23.2
6.5
7.0
7.9
8.2
HSI clock,
PLL off
8 MHz
6.6
7.1
8.0
8.4
3.3
3.7
4.0
4.7
Supply
current in
Sleep
mode,
code
executing
from Flash
or RAM
HSE
bypass,
PLL on
72 MHz 43.2
46.9
48.7
52.5
6.7
7.2
7.6
8.3
64 MHz 38.5
41.6
43.7
46.6
5.9
6.5
6.8
7.5
48 MHz 29.1
31.3
32.5
34.1
4.5
4.9
5.3
5.9
32 MHz 19.4
21.1
24.6
23.0
3.0
3.4
3.8
4.4
24 MHz 14.7
16.1
18.5
17.6
2.4
2.6
3.0
3.6
HSE
bypass,
PLL off
8 MHz
4.9
5.3
6.1
6.6
0.8
1.0
1.4
1.9
1 MHz
0.6
0.9
1.3
1.8
0.1
0.3
0.6
1.2
HSI clock,
PLL on
64 MHz 34.5
37.1
39.6
42.0
5.6
6.1
6.5
7.1
48 MHz 26.1
28.0
29.0
30.7
4.2
4.6
5.0
5.6
32 MHz 17.4
19.1
21.1
20.8
2.9
3.2
3.6
4.2
24 MHz 13.3
14.6
16.1
16.0
1.5
1.8
2.2
2.6
HSI clock,
PLL off
8 MHz
4.5
4.9
5.5
6.1
0.7
0.9
1.3
1.8
1.
Data based on characterization results, not tested in production unless otherwise specified.
2.
Data based on characterization results and tested in production with code executing from RAM.
Table 28.
Typical and maximum current consumption from VDD supply at VDD = 3.6 V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA
(1)
Typ
Max @ TA
(1)
25 °C
85 °C
105 °C
25 °C
85 °C 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com