Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372VB Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F372VB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VB Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F372VB Datasheet HTML 18Page - STMicroelectronics STM32F372VB Datasheet HTML 19Page - STMicroelectronics STM32F372VB Datasheet HTML 20Page - STMicroelectronics STM32F372VB Datasheet HTML 21Page - STMicroelectronics STM32F372VB Datasheet HTML 22Page - STMicroelectronics STM32F372VB Datasheet HTML 23Page - STMicroelectronics STM32F372VB Datasheet HTML 24Page - STMicroelectronics STM32F372VB Datasheet HTML 25Page - STMicroelectronics STM32F372VB Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
Functional overview
STM32F37x
22/128
Doc ID 022691 Rev 3
3.17.1
General-purpose timers (TIM2 to TIM5, TIM12 to TIM17, TIM19)
There are eleven synchronizable general-purpose timers embedded in the STM32F37x (see
Table 5 for differences). Each general-purpose timer can be used to generate PWM outputs,
or act as a simple time base.
●
TIM2, 3, 4, 5 and 19
These five timers are full-featured general-purpose timers:
–
TIM2 and TIM5 have 32-bit auto-reload up/downcounters and 32-bit prescalers
–
TIM3, 4, and 19 have 16-bit auto-reload up/downcounters and 16-bit prescalers
These timers all feature 4 independent channels for input capture/output compare,
PWM or one-pulse mode output. They can work together, or with the other general-
purpose timers via the Timer Link feature for synchronization or event chaining.
The counters can be frozen in debug mode.
All have independent DMA request generation and support quadrature encoders.
●
TIM12, 13, 14, 15, 16, 17
These six timers general-purpose timers with mid-range features:
They have 16-bit auto-reload upcounters and 16-bit prescalers.
–
TIM12 has 2 channels
–
TIM13 and TIM14 have 1 channel
–
TIM15 has 2 channels and 1 complementary channel
–
TIM16 and TIM17 have 1 channel and 1 complementary channel
All channels can be used for input capture/output compare, PWM or one-pulse mode
output.
The timers can work together via the Timer Link feature for synchronization or event
chaining. The timers have independent DMA request generation.
The counters can be frozen in debug mode.
3.17.2
Basic timers (TIM6, TIM7, TIM18)
These timers are mainly used for DAC trigger generation. They can also be used as a
generic 16-bit time base.
General-
purpose
TIM16,
TIM17
16-bit
Up
Any integer
between 1
and 65536
Yes
1
1
Basic
TIM6,
TIM7,
TIM18
16-bit
Up
Any integer
between 1
and 65536
Yes
0
0
Table 5.
Timer feature comparison (continued)
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
Channels
Complementary
outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com