Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372VB Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F372VB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VB Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F372VB Datasheet HTML 81Page - STMicroelectronics STM32F372VB Datasheet HTML 82Page - STMicroelectronics STM32F372VB Datasheet HTML 83Page - STMicroelectronics STM32F372VB Datasheet HTML 84Page - STMicroelectronics STM32F372VB Datasheet HTML 85Page - STMicroelectronics STM32F372VB Datasheet HTML 86Page - STMicroelectronics STM32F372VB Datasheet HTML 87Page - STMicroelectronics STM32F372VB Datasheet HTML 88Page - STMicroelectronics STM32F372VB Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
85/128
Output voltage levels
Unless otherwise specified, the parameters given in Table 53 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 22. All I/Os are CMOS and TTL compliant (FT, TTa or TC unless otherwise specified).
Note:
I/O pins are powered from VDD voltage except pins which can be used as SDADC inputs:
- PB2, PB10 and PE7 to PE15 I/O pins are powered from VDDSD12.
- PB14 to PB15 and PD8 to PD15 I/O pins are powered from VDDSD3. All I/O pin ground is
internally connected to VSS.
VDD mentioned in the Table 53 represents power voltage for a given I/O pin (VDD or
VDDSD12 or VDDSD3).
Table 53.
Output voltage characteristics (1)
1.
VDDSD12 is the external power supply for PB2, PB10, and PE7 to PE15 I/O pins (the I/O ground pin is
internally connected to VSS). VDDSD3 is the external power supply for PB14 to PB15 and PD8 to PD15
I/O pins (the I/O ground pin is internally connected to VSS). For those pins all VDD supply references in this
table are related to their given VDDSDx power supply.
Symbol
Parameter
Conditions
Min
Max Unit
VOL
(2)
2.
The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 20
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
CMOS port(3)
IIO = +8 mA
2.7 V < VDD < 3.6 V
3.
TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
-0.4
V
VOH
(4)
4.
The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 20 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
VDD–0.4
-
VOL
(2)
Output low level voltage for an I/O pin
TTL port(3)
IIO = +8 mA
2.7 V < VDD < 3.6 V
-0.4
VOH
(4)
Output high level voltage for an I/O pin
2.4
-
VOL
(2)(5)
5.
Data based on design simulation.
Output low level voltage for an I/O pin
IIO = +20 mA
2.7 V < VDD < 3.6 V
-1.3
VOH
(4)(5)
Output high level voltage for an I/O pin
VDD–1.3
-
VOL
(2)(5)
Output low level voltage for an I/O pin
IIO = +6 mA
2 V < VDD < 2.7 V
-0.4
VOH
(4)(5)
Output high level voltage for an I/O pin
VDD–0.4
-
VOLFM+
(2)
Output low level voltage for a FTf I/O pins
in FM+ mode
IIO = +20 mA
2.7 V < VDD < 3.6 V
-0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com