Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372VB Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F372VB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VB Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F372VB Datasheet HTML 61Page - STMicroelectronics STM32F372VB Datasheet HTML 62Page - STMicroelectronics STM32F372VB Datasheet HTML 63Page - STMicroelectronics STM32F372VB Datasheet HTML 64Page - STMicroelectronics STM32F372VB Datasheet HTML 65Page - STMicroelectronics STM32F372VB Datasheet HTML 66Page - STMicroelectronics STM32F372VB Datasheet HTML 67Page - STMicroelectronics STM32F372VB Datasheet HTML 68Page - STMicroelectronics STM32F372VB Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
65/128
Table 34.
Typical current consumption in Sleep mode, code running from Flash or RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Sleep mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash or RAM,
PLL on
72 MHz
42.8
6.9
mA
64 MHz
38.2
6.2
48 MHz
28.9
4.8
32 MHz
19.5
3.4
24 MHz
14.7
2.7
16 MHz
10.2
2.0
Running from HSE
crystal clock 8 MHz,
code executing from
Flash or RAM,
PLL off
8 MHz
5.2
1.2
4 MHz
3.4
1.1
2 MHz
2.2
0.9
1 MHz
1.6
0.9
500 kHz
1.4
0.8
125 kHz
1.1
0.8
IDDA
(1)
Supply current in
Sleep mode from
VDDA supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash or RAM,
PLL on
72 MHz
242.9
241.5
µA
64 MHz
213.7
212.7
48 MHz
158.8
158.0
32 MHz
107.6
107.3
24 MHz
82.7
82.6
16 MHz
58.3
58.2
Running from HSE
crystal clock 8 MHz,
code executing from
Flash or RAM,
PLL off
8 MHz
1.2
1.2
4 MHz
1.2
1.2
2 MHz
1.2
1.2
1 MHz
1.2
1.2
500 kHz
1.2
1.2
125 kHz
1.2
1.2
1.
VDDA monitoring is off, VDDSD12 monitoring is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com