Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372VB Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32F372VB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VB Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32F372VB Datasheet HTML 108Page - STMicroelectronics STM32F372VB Datasheet HTML 109Page - STMicroelectronics STM32F372VB Datasheet HTML 110Page - STMicroelectronics STM32F372VB Datasheet HTML 111Page - STMicroelectronics STM32F372VB Datasheet HTML 112Page - STMicroelectronics STM32F372VB Datasheet HTML 113Page - STMicroelectronics STM32F372VB Datasheet HTML 114Page - STMicroelectronics STM32F372VB Datasheet HTML 115Page - STMicroelectronics STM32F372VB Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
Electrical characteristics
STM32F37x
112/128
Doc ID 022691 Rev 3
2.
For fADC lower than 5 MHz, there will be a performance degradation of around 2 dB due to flicker noise increase.
3.
If the reference value is lower than 2.4 V, there will be a performance degradation proportional to the reference supply
drop, according to this formula: 20*log10(VREF/2.4) dB
4.
SNR, THD, SINAD parameters are valid for frequency bandwidth 20Hz - 1kHz. Input signal frequency is 300Hz (for
fADC=6MHz) and 100Hz (for fADC=1.5MHz).
Table 75.
VREFSD+ pin characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note
VREFINT
Internal reference
voltage
Buffered embedded
reference voltage (1.2 V)
1.2
V
See Section 6.3.4:
Embedded
reference voltage on
page 58
Embedded reference
voltage amplified by
factor 1.5
1.8
CVREFSD+
(2) Reference voltage
filtering capacitor
VREFSD+ = VREFINT
1000
10000
nF
RVREFSD+
Reference voltage
input impedance
Fast mode
(fADC = 6 MHz)
238
k
See RM0313
reference manual for
detailed description
Slow mode
(fADC = 1.5 MHz)
952
1.
Data based on characterization results, not tested in production.
2.
If internal reference voltage is selected then this capacitor is charged through internal resistance - typ. 300 ohm. If internal
reference source is selected through the reference voltage selection bits (REFV<>”00” in SDADC_CR1 register), the
application must first configure REFV bits and then wait for capacitor charging. Recommended waiting time is 3 ms if 1 µF
capacitor is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com