Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372VB Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32F372VB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VB Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32F372VB Datasheet HTML 120Page - STMicroelectronics STM32F372VB Datasheet HTML 121Page - STMicroelectronics STM32F372VB Datasheet HTML 122Page - STMicroelectronics STM32F372VB Datasheet HTML 123Page - STMicroelectronics STM32F372VB Datasheet HTML 124Page - STMicroelectronics STM32F372VB Datasheet HTML 125Page - STMicroelectronics STM32F372VB Datasheet HTML 126Page - STMicroelectronics STM32F372VB Datasheet HTML 127Page - STMicroelectronics STM32F372VB Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 127 / 128 page
background image
STM32F37x
Revision history
Doc ID 022691 Rev 3
127/128
21-Dec-2012
3
Updated Table 2: Device overview, capacitive sensing
channels peripheral added.
Updated Table 3: Capacitive sensing GPIOs available on
STM32F37x devices
Updated Section 3.19: Inter-integrated circuit interface (I2C)
Updated the function names in Table 11: STM32F37x pin
definitions
Updated Table 20: Current characteristics
Updated Table 22: General operating conditions
Updated Table 30: Typical and maximum VDD consumption in
Stop and Standby modes
Updated Table 32: Typical and maximum current consumption
from VBAT supply
Added Figure 11: Typical VBAT current consumption (LSE
and RTC ON/LSEDRV[1:0]='00')
Updated Table 33: Typical current consumption in Run mode,
code with data processing running from Flash
Table 34: Typical current consumption in Sleep mode, code
running from Flash or RAM
Added Table 35: Switching output I/O current consumption
Added Table 36: Peripheral current consumption
Figure 16: HSI oscillator accuracy characterization results
Updated Section 6.3.6: Wakeup time from low-power mode
Updated Table 37: Low-power mode wakeup timings
Updated Table 47: EMS characteristics
Updated Table 51: I/O current injection susceptibility
Updated Table 52: I/O static characteristics
Updated Figure 17: TC and TTa I/O input characteristics -
CMOS port, Figure 18: TC and TTa I/O input characteristics -
TTL port, Figure 19: Five volt tolerant (FT and FTf) I/O input
characteristics - CMOS port and Figure 20: Five volt tolerant
(FT and FTf) I/O input characteristics - TTL port
Updated Table 53: Output voltage characteristics
Updated Table 55: NRST pin characteristics
Updated Table 54: I/O AC characteristics
Updated Table 63: DAC characteristics
Updated Table 74: SDADC characteristics
Updated Figure 7: LQFP100 – 14 x 14 mm 100 pin low-profile
quad flat package outline, Figure 9: LQFP64 – 10 x 10 mm 64
pin low-profile quad flat package outline and Figure 11:
LQFP48 – 7 x 7 mm, 48 pin low-profile quad flat package
outline
Updated Table 21: LQFP100 – 14 x 14 mm low-profile quad
flat package mechanical data, Table 22: LQFP64 – 10 x 10
mm low-profile quad flat package mechanical data and
Table 23: LQFP48 – 7 x 7 mm, 48-pin low-profile quad flat
package mechanical data
Added Figure 16: HSI oscillator accuracy characterization
results
Table 82.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com