Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARSZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD5544ARSZ
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5544ARSZ Datasheet HTML 3Page - Analog Devices AD5544ARSZ Datasheet HTML 4Page - Analog Devices AD5544ARSZ Datasheet HTML 5Page - Analog Devices AD5544ARSZ Datasheet HTML 6Page - Analog Devices AD5544ARSZ Datasheet HTML 7Page - Analog Devices AD5544ARSZ Datasheet HTML 8Page - Analog Devices AD5544ARSZ Datasheet HTML 9Page - Analog Devices AD5544ARSZ Datasheet HTML 10Page - Analog Devices AD5544ARSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5544/AD5554
Rev. F | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
V
DD to GND
−0.3 V, +8 V
V
SS to GND
+0.3 V, −7 V
V
REFx to GND
−18 V, +18 V
Logic Input and Output to GND
−0.3 V, +8 V
V(I
OUTx) to GND
−0.3 V, V
DD + 0.3 V
A
GNDx to DGND
−0.3 V, +0.3 V
Input Current to Any Pin Except Supplies
±50 mA
Package Power Dissipation
(T
J max − TA)/θJA
Thermal Resistance
θ
JA
28-Lead SSOP
100°C/W
32-Lead LFCSP
32.5°C/W
Maximum Junction Temperature (T
J Max)
150°C
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Vapor Phase, 60 Sec
215°C
Infrared, 15 Sec
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com