Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARSZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5544ARSZ
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5544ARSZ Datasheet HTML 4Page - Analog Devices AD5544ARSZ Datasheet HTML 5Page - Analog Devices AD5544ARSZ Datasheet HTML 6Page - Analog Devices AD5544ARSZ Datasheet HTML 7Page - Analog Devices AD5544ARSZ Datasheet HTML 8Page - Analog Devices AD5544ARSZ Datasheet HTML 9Page - Analog Devices AD5544ARSZ Datasheet HTML 10Page - Analog Devices AD5544ARSZ Datasheet HTML 11Page - Analog Devices AD5544ARSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5544/AD5554
Data Sheet
Rev. F | Page 8 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD5544/
AD5554
TOP VIEW
(Not to Scale)
AGNDA
AGNDD
IOUTA
IOUTD
VREFA
VREFD
RFBA
RFBD
MSB
DGND
VSS
VDD
AGNDF
CLK
SDO
SDI
NC
RFBB
RFBC
VREFB
VREFC
IOUTB
IOUTC
AGNDB
AGNDC
NC = NO CONNECT
LDAC
CS
RS
Figure 5. TSSOP Pin Configuration
NOTES
1. NC = NO CONNECT.
2. CONNECT EXPOSED PAD TO AGND.
24 DGND
23 VSS
22 AGNDF
21 LDAC
20 SDO
19 NC
18 RFBC
17 VREFC
1
2
3
4
5
6
7
8
AGNDA
IOUTA
VREFA
RFBA
MSB
RS
VDD
CS
AD5544
TOP VIEW
(Not to Scale)
Figure 6. LFCSP Pin Configuration
Table 4. Pin Function Descriptions
TSSOP
Pin No.
LFCSP
Pin No.
Mnemonic
Description
1
1
A
GNDA
DAC A Analog Ground.
2
2
I
OUTA
DAC A Current Output.
3
3
V
REFA
DAC A Reference Voltage Input Terminal. Establishes DAC A full-scale output voltage. This pin can be
tied to the V
DD pin.
4
4
R
FBA
Establish the voltage output for DAC A by connecting to an external amplifier output.
5
5
MSB
MSB Bit. Set pin during a reset pulse (RS) or at system power-on if tied to ground or VDD.
6
6
RS
Reset Pin, Active Low Input. Input registers and DAC registers are set to all 0s or half-scale code
(0x8000 for the AD5544 and 0x2000 for the AD5554), determined by the voltage on the MSB pin.
Register data = 0x0000 when MSB = 0.
7
7
V
DD
Positive Power Supply Input. Specified range of operation: 5 V ± 10%.
8
8
CS
Chip Select, Active Low Input. Disables shift register loading when high. Transfers serial register data
to the input register when CS/LDAC returns high. Does not affect LDAC operation.
9
9
CLK
Clock Input. Positive edge clocks data into the shift register.
10
10
SDI
Serial Data Input. Input data loads directly into the shift register.
11
11
R
FBB
Establish the voltage output for DAC B by connecting to an external amplifier output.
12
12
V
REFB
DAC B Reference Voltage Input Terminal. Establishes DAC B full-scale output voltage. This pin can be
tied to the V
DD pin.
13
13
I
OUTB
DAC B Current Output.
14
14
A
GNDB
DAC B Analog Ground.
15
15
A
GNDC
DAC C Analog Ground.
16
16
I
OUTC
DAC C Current Output.
17
17
V
REFC
DAC C Reference Voltage Input Terminal. Establishes DAC C full-scale output voltage. This pin can be
tied to the V
DD pin.
18
18
R
FBC
Establish the voltage output for DAC C by connecting to an external amplifier output.
19
19
NC
No Connect. Leave the pin unconnected.
20
20
SDO
Serial Data Output. Input data loads directly into the shift register. Data appears at SDO at 19 clock
pulses for the AD5544 and 17 clock pulses for the AD5554 after input at the SDI pin.
21
21
LDAC
Load DAC Register Strobe, Level Sensitive Active Low. Transfers all input register data to DAC
registers. Asynchronous active low input. See Table 8 and Table 9 for operation.
22
22
A
GNDF
High Current Analog Force Ground.
23
23
V
SS
Negative Bias Power Supply Input. Specified range of operation: −5.5 V to +0.3 V.
24
24
DGND
Digital Ground Pin.
25
25
R
FBD
Establish the voltage output for DAC D by connecting to an external amplifier output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com