Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARSZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD5544ARSZ
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARSZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5544ARSZ Datasheet HTML 16Page - Analog Devices AD5544ARSZ Datasheet HTML 17Page - Analog Devices AD5544ARSZ Datasheet HTML 18Page - Analog Devices AD5544ARSZ Datasheet HTML 19Page - Analog Devices AD5544ARSZ Datasheet HTML 20Page - Analog Devices AD5544ARSZ Datasheet HTML 21Page - Analog Devices AD5544ARSZ Datasheet HTML 22Page - Analog Devices AD5544ARSZ Datasheet HTML 23Page - Analog Devices AD5544ARSZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5544/AD5554
Data Sheet
Rev. F | Page 20 of 28
Table 10. Suitable Analog Devices Precision References
Part No.
Output Voltage (V)
Initial Tolerance (%)
Maximum Temperature
Drift (ppm/°C)
I
SS (mA)
Output Noise (µV p-p)
Package(s)
ADR01
10
0.05
3
1
20
SOIC-8
ADR01
10
0.05
9
1
20
TSOT-5, SC70-5
ADR02
5.0
0.06
3
1
10
SOIC-8
ADR02
5.0
0.06
9
1
10
TSOT-5, SC70-5
ADR03
2.5
0.1
3
1
6
SOIC-8
ADR03
2.5
0.1
9
1
6
TSOT-5, SC70-5
ADR06
3.0
0.1
3
1
10
SOIC-8
ADR06
3.0
0.1
9
1
10
TSOT-5, SC70-5
ADR420
2.048
0.05
3
0.5
1.75
SOIC-8, MSOP-8
ADR421
2.50
0.04
3
0.5
1.75
SOIC-8, MSOP-8
ADR423
3.00
0.04
3
0.5
2
SOIC-8, MSOP-8
ADR425
5.00
0.04
3
0.5
3.4
SOIC-8, MSOP-8
ADR431
2.500
0.04
3
0.8
3.5
SOIC-8, MSOP-8
ADR435
5.000
0.04
3
0.8
8
SOIC-8, MSOP-8
ADR391
2.5
0.16
9
0.12
5
TSOT-5
ADR395
5.0
0.10
9
0.12
8
TSOT-5
Table 11. Suitable Analog Devices Precision Op Amps
Part No.
Supply Voltage (V)
V
OS Maximum
(µV)
I
B Maximum
(nA)
0.1 Hz to 10 Hz
Noise (µV p-p)
Supply
Current (µA)
Package(s)
OP97
±2 to ±20
25
0.1
0.5
600
SOIC-8, PDIP-8
OP1177
±2.5 to ±15
60
2
0.4
500
MSOP-8, SOIC-8
AD8675
±5 to ±18
75
2
0.1
2300
MSOP-8, SOIC-8
AD8671
±5 to ±15
75
12
0.077
3000
MSOP-8, SOIC-8
ADA4004-1
±5 to ±15
125
90
0.1
2000
SOIC-8, SOT-23-5
AD8603
1.8 to 5
50
0.001
2.3
40
TSOT-5
AD8607
1.8 to 5
50
0.001
2.3
40
MSOP-8, SOIC-8
AD8605
2.7 to 5
65
0.001
2.3
1000
WLCSP-5, SOT-23-5
AD8615
2.7 to 5
65
0.001
2.4
2000
TSOT-5
AD8616
2.7 to 5
65
0.001
2.4
2000
MSOP-8, SOIC-8
Table 12. Suitable Analog Devices High Speed Op Amps
Part No.
Supply Voltage (V)
BW at ACL (MHz)
Slew Rate
(V/µs)
V
OS (Max) (µV)
I
B (Max) (nA)
Package(s)
AD8065
5 to 24
145
180
1500
0.006
SOIC-8, SOT-23-5
AD8066
5 to 24
145
180
1500
0.006
SOIC-8, MSOP-8
AD8021
5 to 24
490
120
1000
10,500
SOIC-8, MSOP-8
AD8392
10 to 24
65
900
5000
15,000
TSSOP-28, LFCSP-32
AD8038
3 to 12
350
425
3000
750
SOIC-8, SC70-5
ADA4899
5 to 12
600
310
35
100
LFCSP-8, SOIC-8
AD8057
3 to 12
325
1000
5000
500
SOT-23-5, SOIC-8
AD8058
3 to 12
325
850
5000,
500
SOIC-8, MSOP-8
AD8061
2.7 to 8
320
650
6000
350
SOT-23-5, SOIC-8
AD8062
2.7 to 8
320
650
6000
350
SOIC-8, MSOP-8
AD9631
±3 to ±6
320
1300
10,000
7000
SOIC-8, PDIP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com