Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARSZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD5544ARSZ
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARSZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5544ARSZ Datasheet HTML 19Page - Analog Devices AD5544ARSZ Datasheet HTML 20Page - Analog Devices AD5544ARSZ Datasheet HTML 21Page - Analog Devices AD5544ARSZ Datasheet HTML 22Page - Analog Devices AD5544ARSZ Datasheet HTML 23Page - Analog Devices AD5544ARSZ Datasheet HTML 24Page - Analog Devices AD5544ARSZ Datasheet HTML 25Page - Analog Devices AD5544ARSZ Datasheet HTML 26Page - Analog Devices AD5544ARSZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD5544/AD5554
Rev. F | Page 23 of 28
VIN: Use this pin to power the SDP requires 4-7V 200mA
VIO: USE to set IO voltage max draw 20mA
Board ID EEPROM (24LC64) must be on I2C bus 0, address is at user discretion
I2C bus 1 is common across both connectors on SDP - Pull up resistors required
BMODE1: Pull up with a 10Kresistor to set SDP to boot from a SPI FLASH on the daughter board
(connected to blackfin GPIO - use I2C_0 first)
Main I2C bus (Connected to blackfin TWI - Pull up resistors not required)
CONNECTOR
STANDARD
SDP
PARALLEL
PORT
SPORT
SPI
I2C
GENERAL
INPUT/OUTPUT
TIMERS
*
*
*
*
*
*
*
*
*
*
*
*
*
*NC on BLACKFIN SDP
120
NC
119
NC
118
GND
117
GND
116
VIO(+3.3V)
115
GND
114
PAR_D22
113
PAR_D20
112
PAR_D18
111
PAR_D16
110
PAR_D15
109
GND
108
PAR_D12
107
PAR_D10
106
PAR_D8
105
PAR_D6
104
GND
103
PAR_D4
102
PAR_D2
101
PAR_D0
100
PAR_WR
99
PAR_INT
98
GND
97
PAR_A2
96
PAR_A0
95
PAR_FS2
94
PAR_CLK
93
GND
92
SPORT_RSCLK
91
SPORT_DR0
90
SPORT_RFS
89
SPORT_TFS
88
SPORT_DT0
87
SPORT_TSCLK
86
GND
85
SPI_SEL_A
84
SPI_MOSI
83
SPI_MISO
82
SPI_CLK
81
GND
80
SDA_0
79
SCL_0
78
GPIO1
77
GPIO3
76
GPIO5
75
GND
74
GPIO7
73
TMR_B
72
TMR_D
71
NC
70
NC
69
GND
68
NC
67
NC
66
NC
65
NC
64
NC
63
GND
62
UART_TX
61
BMODE1
60 RESET_IN
59 UART_RX
58 GND
57 NC
56 NC
55 NC
54 NC
53 NC
52 GND
51 NC
50 NC
49 TMR_C
48 TMR_A
47 GPIO6
46 GND
45 GPIO4
44 GPIO2
43 GPIO0
42 SCL_1
41 SDA_1
40 GND
39 SPI_SEL1/SPI_SS
38 SPI_SEL_C
37 SPI_SEL_B
36 GND
35 SPORT_INT
34 SPORT_DT3
33 SPORT_DT2
32 SPORT_DT1
31 SPORT_DR1
30 SPORT_DR2
29 SPORT_DR3
28 GND
27 PAR_FS1
26 PAR_FS3
25 PAR_A1
24 PAR_A3
23 GND
22 PAR_CS
21 PAR_RD
20 PAR_D1
19 PAR_D3
18 PAR_D5
17 GND
16 PAR_D7
15 PAR_D9
14 PAR_D11
13 PAR_D13
12 PAR_D14
11 GND
10 PAR_D17
9 PAR_D19
8 PAR_D21
7 PAR_D23
6 GND
5 USB_VBUS
4 GND
3 GND
2 NC
1 VIN
J11
1 A0
2 A1
3 A2
4 VSS
8
VCC 7
WP 6
SCL 5
SDA
U10
24LC64
USB_VBUS
3.3V_BF
SCLK
SDIN
/CS
/RS
3.3V_BF
/LDAC
MSB
SDO
Figure 31. EVAL-AD5544SDZ Schematic Part B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com