Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARSZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5544ARSZ
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARSZ Datasheet(HTML) 1 Page - Analog Devices

  AD5544ARSZ Datasheet HTML 1Page - Analog Devices AD5544ARSZ Datasheet HTML 2Page - Analog Devices AD5544ARSZ Datasheet HTML 3Page - Analog Devices AD5544ARSZ Datasheet HTML 4Page - Analog Devices AD5544ARSZ Datasheet HTML 5Page - Analog Devices AD5544ARSZ Datasheet HTML 6Page - Analog Devices AD5544ARSZ Datasheet HTML 7Page - Analog Devices AD5544ARSZ Datasheet HTML 8Page - Analog Devices AD5544ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Quad, Current-Output,
Serial-Input 16-/14-Bit DACs
Data Sheet
AD5544/AD5554
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2000–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
AD5544: 16-bit resolution
INL of ±1 LSB (B Grade)
AD5554: 14-bit resolution
INL of ±0.5 LSB (B Grade)
2 mA full-scale current ± 20%, with VREF = ±10 V
0.9 µs settling time to ±0.1%
12 MHz multiplying bandwidth
Midscale glitch of −1 nV-sec
Midscale or zero-scale reset
4 separate, 4-quadrant multiplying reference inputs
SPI-compatible, 3-wire interface
Double-buffered registers enable
Simultaneous multichannel change
Internal power-on reset
Temperature range: −40°C to +125°C
Compact 28-lead SSOP and 32-lead LFCSP
APPLICATIONS
Automatic test equipment
Instrumentation
Digitally controlled calibration
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER R
16
DAC A
REGISTER R
2:4
DECODE
DAC A
B
C
D
POWER-ON
RESET
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
EN
VDD
RFBA
IOUTA
AGNDA
AGNDF
VSS
LDAC
MSB
RS
DGND
CLK
CS
SDI
SDO
VREFA B C
RFBB
IOUTB
AGNDB
RFBC
IOUTC
AGNDC
RFBD
IOUTD
AGNDD
AD5544
INPUT
REGISTER R
INPUT
REGISTER R
INPUT
REGISTER R
DAC B
REGISTER R
DAC C
REGISTER R
DAC D
REGISTER R
D
DAC A
DAC B
DAC D
DAC C
Figure 1.
GENERAL DESCRIPTION
The AD5544/AD5554 quad, 16-/14-bit, current output, digital-
to-analog converters (DACs) are designed to operate from a
2.7 V to 5.5 V supply range.
The applied external reference input voltage (VREFx) determines
the full-scale output current. Integrated feedback resistors (RFB)
provide temperature-tracking, full-scale voltage outputs when
combined with an external I-to-V precision amplifier.
A double-buffered serial data interface offers high speed, 3-wire,
SPI- and microcontroller-compatible inputs using serial data in
(SDI), a chip select (CS), and clock (CLK) signals. In addition,
a serial data out pin (SDO) allows for daisy-chaining when multiple
packages are used. A common, level-sensitive, load DAC strobe
(LDAC) input allows the simultaneous update of all DAC outputs
from previously loaded input registers. Additionally, an internal
power-on reset forces the output voltage to 0 at system turn-on.
The MSB pin allows system reset assertion (RS) to force all registers
to zero code when MSB = 0 or to half-scale code when MSB = 1.
The AD5544 is packaged in the compact 28-lead SSOP and 32-
lead LFCSP. The AD5554 is packed in the compact 28-lead SSOP.
The EV-AD5544/45SDZ is available for evaluating DAC perfor-
mance. For more information, see the UG-285 evaluation board
user guide.
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
0
10,000
30,000
50,000
70,000
CODE
20,000
40,000
60,000
Figure 2. AD5544 INL vs. Code Plot (TA = 25°C)


Similar Part No. - AD5544ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544ARSZ AD-AD5544ARSZ Datasheet
735Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
747Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
9/15-Rev. G to Rev. H
AD5544ARSZ-REEL7 AD-AD5544ARSZ-REEL7 Datasheet
735Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ-REEL7 AD-AD5544ARSZ-REEL7 Datasheet
747Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
9/15-Rev. G to Rev. H
More results

Similar Description - AD5544ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5544 AD-AD5544 Datasheet
473Kb / 16P
Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
9/15-Rev. G to Rev. H
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
1/16-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com