Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARSZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD5544ARSZ
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5544ARSZ Datasheet HTML 7Page - Analog Devices AD5544ARSZ Datasheet HTML 8Page - Analog Devices AD5544ARSZ Datasheet HTML 9Page - Analog Devices AD5544ARSZ Datasheet HTML 10Page - Analog Devices AD5544ARSZ Datasheet HTML 11Page - Analog Devices AD5544ARSZ Datasheet HTML 12Page - Analog Devices AD5544ARSZ Datasheet HTML 13Page - Analog Devices AD5544ARSZ Datasheet HTML 14Page - Analog Devices AD5544ARSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5544/AD5554
Rev. G | Page 11 of 24
0.4
0.5
0.6
0.7
0.9
1.0
1.1
1.2
0.8
TIME (µs)
–4.08
–4.06
–4.04
–4.02
–4.00
–3.98
–3.96
–3.94
–3.92
–3.90
–3.88
Figure 13. AD5544 Midscale Transition
VDD = 5V
VREF = 10V
VOUT
LDAC
Figure 14. AD5544 Large Signal Settling Time
–0.2
–0.1
0
0.1
–20
–16
–12
–8
–4
0
4
–2
2
0
4
6
8
10
TIME (µs)
Figure 15. AD5544 Small Signal Settling Time
10,000
1000
100
10
1
1k
100M
10k
100k
1M
10M
CLOCK FREQUENCY (Hz)
ZERO SCALE
MIDSCALE
FULL SCALE
0x5555
Figure 16. AD5544 Power Supply Current vs. Clock Frequency
0
10
20
30
40
50
60
70
80
90
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = 5V
VREF = 10V
Figure 17. AD5544/AD5554 Power Supply Rejection vs. Frequency
20
0
–20
–40
–60
–80
–100
–120
–140
–160
0
5k
10k
15k
20k
25k
FREQUENCY (Hz)
Figure 18. AD5544/AD5554 Analog THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com