Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARSZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD5544ARSZ
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARSZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5544ARSZ Datasheet HTML 16Page - Analog Devices AD5544ARSZ Datasheet HTML 17Page - Analog Devices AD5544ARSZ Datasheet HTML 18Page - Analog Devices AD5544ARSZ Datasheet HTML 19Page - Analog Devices AD5544ARSZ Datasheet HTML 20Page - Analog Devices AD5544ARSZ Datasheet HTML 21Page - Analog Devices AD5544ARSZ Datasheet HTML 22Page - Analog Devices AD5544ARSZ Datasheet HTML 23Page - Analog Devices AD5544ARSZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5544/AD5554
Data Sheet
Rev. G | Page 22 of 24
ORDERING GUIDE
Model1
RES Bit
INL LSB
DNL LSB
Temperature
Range
Package Description
Package
Option
AD5544ARS
16
±2
±1.5
−40°C to +125°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
AD5544ARSZ
16
±2
±1.5
−40°C to +125°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
AD5544ARSZ-REEL7
16
±2
±1.5
−40°C to +125°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
AD5544BRSZ
16
±1
±1
−40°C to +125°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
AD5544BRSZ-REEL7
16
±1
±1
−40°C to +125°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
AD5544ACPZ-1-R2
16
±4
±1
−40°C to +125°C
32-Lead LFCSP_WQ
CP-32-11
AD5544ACPZ-1-RL7
16
±4
±1
−40°C to +125°C
32-Lead LFCSP_WQ
CP-32-11
AD5544BCPZ-R2
16
±1
±1
−40°C to +125°C
32-Lead LFCSP_WQ
CP-32-11
AD5544BCPZ-RL7
16
±1
±1
−40°C to +125°C
32-Lead LFCSP_WQ
CP-32-11
AD5554BRSZ
14
±0.5
±1
−40°C to +125°C
28-Lead Shrink Small Outline Package [SSOP]
RS-28
EV-AD5544/45SDZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com