Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARSZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD5544ARSZ
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5544ARSZ Datasheet HTML 12Page - Analog Devices AD5544ARSZ Datasheet HTML 13Page - Analog Devices AD5544ARSZ Datasheet HTML 14Page - Analog Devices AD5544ARSZ Datasheet HTML 15Page - Analog Devices AD5544ARSZ Datasheet HTML 16Page - Analog Devices AD5544ARSZ Datasheet HTML 17Page - Analog Devices AD5544ARSZ Datasheet HTML 18Page - Analog Devices AD5544ARSZ Datasheet HTML 19Page - Analog Devices AD5544ARSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5544/AD5554
Data Sheet
Rev. G | Page 16 of 24
TRUTH TABLES
Table 8. AD55441 Control Logic Truth Table
CS
CLK
LDAC
RS
MSB2
Serial Shift Register Function3
Input Register Function
DAC Register
High
X
High
High
X
No effect
Latched
Latched
Low
Low
High
High
X
No effect
Latched
Latched
Low
↑+3
High
High
X
Shift register data advanced one bit
Latched
Latched
Low
High
High
High
X
No effect
Latched
Latched
↑+3
Low
High
High
X
No effect
Selected DAC updated with
current shift register contents4
Latched
High
X
Low
High
X
No effect
Latched
Transparent
High
X
High
High
X
No effect
Latched
Latched
High
X
↑+3
High
X
No effect
Latched
Latched
High
X
High
Low
0
No effect
Latched data = 0x0000
Latched data = 0x0000
High
X
High
Low
High
No effect
Latched data = 0x8000
Latched data = 0x8000
1
For the AD5544, data appears at the SDO pin 19 clock pulses after input at the SDI pin.
2
X = don’t care.
3
↑ +is a positive logic transition.
4
At power-on, both the input register and the DAC register are loaded with all 0s.
Table 9. AD55541 Control Logic Truth Table
CS
CLK
LDAC
RS
MSB2
Serial Shift Register Function3
Input Register Function3
DAC Register
High
X
High
High
X
No effect
Latched
Latched
Low
L
High
High
X
No effect
Latched
Latched
Low
↑+3
High
High
X
Shift register data advanced one bit
Latched
Latched
Low
High
High
High
X
No effect
Latched
Latched
↑+3
Low
High
High
X
No effect
Selected DAC updated with
current shift register contents4
Latched
High
X
Low
High
X
No effect
Latched
Transparent
High
X
High
High
X
No effect
Latched
Latched
High
X
↑+3
High
X
No effect
Latched
Latched
High
X
High
Low
0
No effect
Latched data = 0x0000
Latched data = 0x0000
High
X
High
Low
High
No effect
Latched data = 0x2000
Latched data = 0x2000
1
For the AD5554, data appears at the SDO pin 17 clock pulses after input at the SDI pin.
2
X = don’t care.
3
↑ +is a positive logic transition.
4
At power-on, both the input register and the DAC register are loaded with all 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com