Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9776-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 5 Page - Analog Devices

  AD9776-EB Datasheet HTML 1Page - Analog Devices AD9776-EB Datasheet HTML 2Page - Analog Devices AD9776-EB Datasheet HTML 3Page - Analog Devices AD9776-EB Datasheet HTML 4Page - Analog Devices AD9776-EB Datasheet HTML 5Page - Analog Devices AD9776-EB Datasheet HTML 6Page - Analog Devices AD9776-EB Datasheet HTML 7Page - Analog Devices AD9776-EB Datasheet HTML 8Page - Analog Devices AD9776-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 5 of 56
AD9776
AD9778
AD9779
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
8× Mode, fDAC/4 Modulation,
fDAC = 1 GSPS, IF = 262.5 MHz
980
980
980
mW
Power-Down Mode
2
3.7
2
3.7
2
3.7
mW
Power Supply Rejection Ratio,
AVDD33
−0.3
+0.3
−0.3
+0.3
−0.3
+0.3
% FSR/V
OPERATING RANGE
−40
+25
+85
−40
+25
+85
−40
+25
+85
°C
1 Based on a 10 kΩ external resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com