Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9776-EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 9Page - Analog Devices AD9776-EB Datasheet HTML 10Page - Analog Devices AD9776-EB Datasheet HTML 11Page - Analog Devices AD9776-EB Datasheet HTML 12Page - Analog Devices AD9776-EB Datasheet HTML 13Page - Analog Devices AD9776-EB Datasheet HTML 14Page - Analog Devices AD9776-EB Datasheet HTML 15Page - Analog Devices AD9776-EB Datasheet HTML 16Page - Analog Devices AD9776-EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 13 of 56
74
VREF
73
IPTAT
72
AGND
69
CSB
70
RESET
71
IRQ
75
I120
68
SCLK
67
SDIO
66
SDO
64
DGND
63
SYNC_O+
62
SYNC_O–
61
DVDD33
60
DVDD18
59
P2D<0>
58
P2D<1>
57
P2D<2>
56
P2D<3>
55
P2D<4>
54
DGND
53
DVDD18
52
P2D<5>
51
P2D<6>
65
PLL_LOCK
PIN 1
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
2
CVDD18
3
CGND
4
CGND
7
CGND
6
CLK–
5
CLK+
1
CVDD18
8
CGND
9
CVDD18
10
CVDD18
12
AGND
13
SYNC_I+
14
SYNC_I–
15
DGND
16
DVDD18
17
P1D<15>
18
P1D<14>
19
P1D<13>
20
P1D<12>
21
P1D<11>
22
DGND
23
DVDD18
24
P1D<10>
25
P1D<9>
11
CGND
AD9779
TOP VIEW
(Not to Scale)
ANALOG DOMAIN
DIGITAL DOMAIN
Figure 5. AD9779 Pin Configuration
Table 8. AD9779 Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
CVDD18
1.8 V Clock Supply.
2
CVDD18
1.8 V Clock Supply.
3
CGND
Clock Common.
4
CGND
Clock Common.
5
CLK+1
Differential Clock Input.
6
CLK−1
Differential Clock Input.
7
CGND
Clock Common.
8
CGND
Clock Common.
9
CVDD18
1.8 V Clock Supply.
10
CVDD18
1.8 V Clock Supply.
11
CGND
Clock Common.
12
AGND
Analog Common.
13
SYNC_I+
Differential Synchronization Input.
14
SYNC_I−
Differential Synchronization Input.
15
DGND
Digital Common.
16
DVDD18
1.8 V Digital Supply.
17
P1D<15>
Port 1, Data Input D15 (MSB).
18
P1D<14>
Port 1, Data Input D14.
19
P1D<13>
Port 1, Data Input D13.
20
P1D<12>
Port 1, Data Input D12.
21
P1D<11>
Port 1, Data Input D11.
Pin
No.
Mnemonic
Description
22
DGND
Digital Common.
23
DVDD18
1.8 V Digital Supply.
24
P1D<10>
Port 1, Data Input D10.
25
P1D<9>
Port 1, Data Input D9.
26
P1D<8>
Port 1, Data Input D8.
27
P1D<7>
Port 1, Data Input D7.
28
P1D<6>
Port 1, Data Input D6.
29
P1D<5>
Port 1, Data Input D5.
30
P1D<4>
Port 1, Data Input D4.
31
P1D<3>
Port 1, Data Input D3.
32
DGND
Digital Common.
33
DVDD18
1.8 V Digital Supply.
34
P1D<2>
Port 1, Data Input D2.
35
P1D<1>
Port 1, Data Input D1.
36
P1D<0>
Port 1, Data Input D0 (LSB).
37
DATACLK
Data Clock Output.
38
DVDD33
3.3 V Digital Supply.
39
TXENABLE
Transmit Enable.
40
P2D<15>
Port 2, Data Input D15 (MSB).
41
P2D<14>
Port 2, Data Input D14.
42
P2D<13>
Port 2, Data Input D13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com