Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9776-EB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 18Page - Analog Devices AD9776-EB Datasheet HTML 19Page - Analog Devices AD9776-EB Datasheet HTML 20Page - Analog Devices AD9776-EB Datasheet HTML 21Page - Analog Devices AD9776-EB Datasheet HTML 22Page - Analog Devices AD9776-EB Datasheet HTML 23Page - Analog Devices AD9776-EB Datasheet HTML 24Page - Analog Devices AD9776-EB Datasheet HTML 25Page - Analog Devices AD9776-EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 22 of 56
0.4
0
4096
CODE
–0.4
512
1024
2560
2048
1536
3072
3584
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
Figure 44. AD9776 Typical INL
0.20
0
4096
CODE
2048
–0.20
512
1024
1536
2560
3072
3584
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
Figure 45. AD9776 Typical DNL
100
50
0
400
fOUT (MHz)
40
80
120
160
200
240
280
320
360
4
× 200MSPS
4
× 100MSPS
4
× 150MSPS
95
90
85
80
75
70
65
60
55
Figure 46. AD9776 IMD, 4× Interpolation
100
50
0
100
fOUT (MHz)
90
80
70
60
20
40
60
80
fDATA = 250MSPS
fDATA = 200MSPS
fDATA = 160MSPS
Figure 47. AD9776 In-Band SFDR, 2× Interpolation
–90
0
250
FOUT (MHz)
–55
25
50
75
100
125
150
175
200
225
1ST ADJ CHAN
2ND ADJ CHAN
3RD ADJ CHAN
–60
–65
–70
–75
–80
–85
Figure 48. AD9776 ACLR, fDATA = 122.88 MSPS, 4× Interpolation,
fDAC/4 Modulation
SPAN 50MHz
SWEEP 162.2ms (601 pts)
VBW 300kHz
CENTER 143.88MHz
*RES BW 30kHz
RMS RESULTS
CARRIER POWER
–12.67dBm/
3.84000MHz
FREQ OFFSET
5.000MHz
10.00MHz
15.00MHz
REF BW
3.884MHz
3.840MHz
3.840MHz
dBc
–75.00
–78.05
–77.73
dBm
–87.67
–90.73
–90.41
LOWER
dBc
–75.30
–77.99
–77.50
dBm
–87.97
–90.66
–90.17
UPPER
REF –25.29dBm
*AVG
Log
10dB/
PAVG
10
W1 S2
*ATTEN 4dB
Figure 49. AD9776, Single Carrier WCDMA, 4× Interpolation,
fDATA = 122.88 MSPS, Amplitude = −3 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com