Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9776-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9776-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9776-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9776-EB Datasheet HTML 3Page - Analog Devices AD9776-EB Datasheet HTML 4Page - Analog Devices AD9776-EB Datasheet HTML 5Page - Analog Devices AD9776-EB Datasheet HTML 6Page - Analog Devices AD9776-EB Datasheet HTML 7Page - Analog Devices AD9776-EB Datasheet HTML 8Page - Analog Devices AD9776-EB Datasheet HTML 9Page - Analog Devices AD9776-EB Datasheet HTML 10Page - Analog Devices AD9776-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 7 of 56
DIGITAL INPUT DATA TIMING SPECIFICATIONS
Table 3. AD9776, AD9778, and AD9779 Digital Input Data Timing Specifications
Parameter
Min
Typ
Max
Unit
INPUT DATA (ALL MODES, −40°C to +85°C)1
Set-Up Time, Input Data to DATACLK
+2.5
ns
Hold Time, Input Data to DATACLK
−0.4
ns
Set-Up Time, Input Data to REFCLK
−0.8
ns
Hold Time, Input Data to REFCLK
+2.9
ns
1 Timing vs. temperature and data valid keep out windows are delineated in Table 19.
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V,
= 20 mA, maximum sample rate, unless
otherwise noted.
S
OUTF
I
Table 4. AD9776, AD9778, and AD9779 AC Specifications
AD9776
AD9778
AD9779
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fDAC = 100 MSPS, fOUT = 20 MHz
82
82
82
dBc
fDAC = 200 MSPS, fOUT = 50 MHz
81
81
82
dBc
fDAC = 400 MSPS, fOUT = 70 MHz
80
80
80
dBc
fDAC = 800 MSPS, fOUT = 70 MHz
85
85
87
dBc
TWO-TONE INTERMODULATION DISTORTION
(IMD)
fDAC = 200 MSPS, fOUT = 50 MHz
87
87
91
dBc
fDAC = 400 MSPS, fOUT = 60 MHz
80
85
85
dBc
fDAC = 400 MSPS, fOUT = 80 MHz
75
81
81
dBc
fDAC = 800 MSPS, fOUT = 100 MHz
75
80
81
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-TONE,
500 kHz TONE SPACING
fDAC = 200 MSPS, fOUT = 80 MHz
−152
−155
−158
dBm/Hz
fDAC = 400 MSPS, fOUT = 80 MHz
−155
−159
−160
dBm/Hz
fDAC = 800 MSPS, fOUT = 80 MHz
−157.5
−160
−161
dBm/Hz
WCDMA ADJACENT CHANNEL LEAKAGE
RATIO (ACLR), SINGLE CARRIER
fDAC = 491.52 MSPS, fOUT = 100 MHz
76
78
79
dBc
fDAC = 491.52 MSPS, fOUT = 200 MHz
69
73
74
dBc
WCDMA SECOND ADJACENT CHANNEL
LEAKAGE RATIO (ACLR), SINGLE CARRIER
fDAC = 491.52 MSPS, fOUT = 100 MHz
77.5
80
81
dBc
fDAC = 491.52 MSPS, fOUT = 200 MHz
76
78
78
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com