Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5204BRUZ100-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5204BRUZ100-R7
Description  4-/6-Channel Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5204BRUZ100-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD5204BRUZ100-R7 Datasheet HTML 1Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 2Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 3Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 4Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 5Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 6Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 7Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 8Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5204/AD5206
Rev. C | Page 5 of 20
TIMING DIAGRAMS
SDI
CLK
VOUT
CS
1
0
1
0
1
0
VDD
0V
A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
RDAC LATCH LOAD
Figure 3. Timing Diagram
SDI
(DATA IN)
SDO
(DATA OUT)
1
0
1
0
1
0
1
0
VDD
0V
CLK
CS
VOUT
Ax OR Dx
Ax OR Dx
Ax OR Dx
Ax OR Dx
tCSS
tDH
tPD_MAX
tCSH0
±1 LSB ERROR BAND
±1 LSB
tCSH1
tCH
tCSW
tS
tCL
tDS
tCS1
Figure 4. Detailed Timing Diagram
±1 LSB
±1 LSB ERROR BAND
1
0
VDD
0V
VOUT
tRS
tS
PR
Figure 5. AD5204 Preset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com