Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5204BRUZ100-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5204BRUZ100-R7
Description  4-/6-Channel Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5204BRUZ100-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5204BRUZ100-R7 Datasheet HTML 12Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 13Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 14Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 15Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 16Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 17Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 18Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 19Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5204/AD5206
Rev. C | Page 18 of 20
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD
Figure 37. 24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
0.50
0.40
0.30
3.50 REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
3.45
3.30 SQ
3.15
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 38. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-32-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
kΩ
Temperature Range
Package Description
Package Option
AD5204BN10
10
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD5204BR10
10
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BR10-REEL
10
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BRZ10
10
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BRZ10-REEL
10
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BRU10
10
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRU10-REEL7
10
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRUZ10
10
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRUZ10-REEL7
10
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BCPZ10-REEL
10
−40°C to +85°C
32-Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-3
AD5204BCPZ10-REEL7
10
−40°C to +85°C
32-Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-3
AD5204BN50
50
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD5204BR50
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BR50-REEL
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BRZ50
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com