Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5204BRUZ100-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5204BRUZ100-R7
Description  4-/6-Channel Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5204BRUZ100-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5204BRUZ100-R7 Datasheet HTML 12Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 13Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 14Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 15Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 16Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 17Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 18Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 19Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5204/AD5206
Rev. C | Page 16 of 20
TEST CIRCUITS
340kΩ
VSS
LOGIC
Figure 25. ESD Protection of Digital Pins
A, B, W
VSS
Figure 26. ESD Protection of Resistor Terminals
V+
DUT
VMS
A
B
W
V+ = VDD
1LSB = V+/256
Figure 27. Potentiometer Divider Nonlinearity Error Test Circuit (INL, DNL)
DUT
VMS
A
B
W
NO CONNECT
IW
Figure 28. Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
V+
A
B
W
DUT
IMS
VMS
IW = 1V/RNOMINAL
IW
VW
V+
VDD
RW =
WHERE VW1 = VMS WHEN IW = 0
AND VW2 = VMS WHEN IW = 1/R
VW2 – [VW1 + IW(RAWII RBW)]
Figure 29. Wiper Resistance Test Circuit
V+
A
B
W
~
VA
VMS
VDD
V+ = VDD ± 10%
PSRR (dB) = 20 log
∆VMS
∆VDD
PSS (%/%) =
∆VMS%
∆VDD%
(
)
Figure 30. Power Supply Sensitivity Test Circuit (PSS, PSRR)
A
VIN
OFFSET BIAS
OP279
5V
VOUT
DUT
W
OFFSET
GND
B
Figure 31. Inverting Programmable Gain Test Circuit
A
VIN
OFFSET BIAS
OP279
5V
VOUT
DUT
W
OFFSET
GND
B
Figure 32. Noninverting Programmable Gain Test Circuit
B
A
VIN
2.5V
+15V
VOUT
DUT
W
–15V
OFFSET
GND
OP42
Figure 33. Gain vs. Frequency Test Circuit
DUT
ISW
B
W
VSS TO VDD
RSW =
0.1V
ISW
CODE = 0x00
0.1V
+
–
Figure 34. Incremental On-Resistance Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com