Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5204BRUZ100-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5204BRUZ100-R7
Description  4-/6-Channel Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5204BRUZ100-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5204BRUZ100-R7 Datasheet HTML 10Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 11Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 12Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 13Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 14Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 15Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 16Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 17Page - Analog Devices AD5204BRUZ100-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5204/AD5206
Rev. C | Page 14 of 20
PROGRAMMING THE POTENTIOMETER DIVIDER
VOLTAGE OUTPUT OPERATION
The digital potentiometer easily generates an output voltage
proportional to the input voltage applied to a given terminal.
For example, connecting Terminal A to 5 V and Terminal B to
ground produces an output voltage at the wiper that can be any
value from 0 V up to 1 LSB less than +5 V. Each LSB of voltage
is equal to the voltage applied across Terminal A and Terminal B
divided by the 256-position resolution of the potentiometer
divider. The general equation defining the output voltage with
respect to ground for any given input voltage applied to
Terminal A and Terminal B is
VW (Dx) = Dx/256 × VAB + VB
(3)
Operation of the digital potentiometer in the divider mode
results in more accurate operation over temperature. In this
mode, the output voltage is dependent on the ratio of the
internal resistors, not the absolute value; therefore, the drift
improves to 15 ppm/°C.
PR
A1
W1
B1
VDD
CS
CLK
SDO*
D7
D0
RDAC
LATCH
4/6
R
A4/A6
W4/W6
B4/B6
D7
D0
EN
ADDR
DEC
A1
A2
A0
D7
SDI
DO
DI
SER
REG
D0
SHDN*
DGND
8
*AD5204 ONLY
RDAC
LATCH
1
R
AD5204/AD5206
Figure 22. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com