Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC212KSIT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SC212KSIT
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SC212KSIT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SC212KSIT Datasheet HTML 1Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 2Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 3Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 4Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 5Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 6Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 7Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 8Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SC212KSIT
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
1/13
Features and Benefits
1.
Industry-leading noise performance with greatly improved bandwidth through proprietary
amplifier and filter design techniques
2.
Small footprint package suitable for space-constrained applications
3.
1 mΩ primary conductor resistance for low power loss
4.
High isolation voltage, suitable for line-powered applications
5.
User-adjustable Overcurrent Fault level
6.
Overcurrent Fault signal typical
ly responds to an overcurrent condition in < 2 μs
7.
Integrated shield virtually eliminates capacitive coupling from current conductor to die due to
high dV/dt voltage transients
8.
Filter pin capacitor improves resolution in low bandwidth applications
9.
3 to 5.5 V, single supply operation
10. Factory trimmed sensitivity and quiescent output voltage
11. Chopper stabilization results in extremely stable quiescent output voltage
12. Ratiometric output from supply voltage
Package: 16-pin SOIC Hall Effect IC Package (suffix SI)
Typical Application Circuit


Similar Part No. - SC212KSIT

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC212 VITALCONN-SC212 Datasheet
283Kb / 3P
SFP2*1 CAGECONN
logo
Infinite Electronics In...
SC2122 FAIRVIEW-SC2122 Datasheet
446Kb / 3P
BNC Male Short Circuit Connector Cap
REV 1.1
SC2124 FAIRVIEW-SC2124 Datasheet
444Kb / 3P
BNC Female Short Circuit Connector Cap
REV 1.1
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
SC2128A-C20B SILAN-SC2128A-C20B Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
More results

Similar Description - SC212KSIT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-12CB-T AVAGO-ACS710KLATR-12CB-T Datasheet
461Kb / 22P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
ACS710KLATR-25CB-T AVAGO-ACS710KLATR-25CB-T Datasheet
461Kb / 22P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Allegro MicroSystems
ACS710 ALLEGRO-ACS710 Datasheet
459Kb / 22P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
ACS716 ALLEGRO-ACS716 Datasheet
486Kb / 22P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC206KSIT SECELECTRONICS-SC206KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
SC210KSIT SECELECTRONICS-SC210KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
SC225KSIT SECELECTRONICS-SC225KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Analog Devices
AD215 AD-AD215_15 Datasheet
237Kb / 12P
120 kHz Bandwidth, Low Distortion, Isolation Amplifier
REV. 0
logo
Allegro MicroSystems
ACS710 ALLEGRO-ACS710_16 Datasheet
946Kb / 23P
120 kHz Bandwidth, High-Voltage Isolation
ACS716 ALLEGRO-ACS716_16 Datasheet
913Kb / 22P
120 kHz Bandwidth, High-Voltage Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com