Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC212KSIT Datasheet(PDF) 11 Page - SEC Electronics Inc.

Part # SC212KSIT
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SC212KSIT Datasheet(HTML) 11 Page - SEC Electronics Inc.

Back Button SC212KSIT Datasheet HTML 5Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 6Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 7Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 8Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 9Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 10Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 11Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 12Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 13Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SC212KSIT
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
11/13
Setting Overcurrent Fault Switchpoint
The VOC needed for setting the overcurrent fault switchpoint can be calculated as follows:
VOC = Sens × | IOC | ,
where VOC is in mV, Sens in mV/A, and IOC (overcurrent fault switchpoint) in A.
| Ioc | is the overcurrent fault switchpoint for a bidirectional (AC) current, which means a
bi-directional sensor will have two symmetrical overcurrent fault switchpoints, +IOC and –IOC .
See the following graph for IOC and VOC ranges:
Example:For SC212KSIT, if required overcurrent fault switchpoint is 25 A, and VCC = 5 V, then the
required VOC can be calculated as follows:
VOC = Sens × IOC = 56 × 25 = 1400 (mV)
Overcurrent Fault Operation
The primary concern with high-speed fault detection is that noise may cause false tripping. Various
applications have or need to be able to ignore certain faults that are due to switching noise or other
parasitic phenomena, which are application dependant. The problem with simply trying to filter out
this noise in the main signal path is that in high-speed applications, with asymmetric noise, the act of
filtering introduces an error into the measurement.
To get around this issue, and allow the user to prevent the fault signal from being latched by noise, a
circuit was designed to slew the FAULT pin voltage based on the value of the capacitor from that pin
to ground. Once the voltage on the pin falls below 2 V, as established by an internal reference, the
fault output is latched and pulled to ground quickly with an internal N-channel MOSFET.
Fault Walk-through
The following walk-through references various sections and attributes in the figure below. This figure
shows different fault set/reset scenarios and how they relate to the voltages on the FAULT pin,
FAULT_EN pin, and the internal Overcurrent (OC) Fault node, which is invisible to the customer.
1.
Because the device is enabled (FAULT_EN is high for a minimum period of time, the Fault
Enable Delay, tFED , 15 μs typical) and there is an OC fault condition, the device FAULTpin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com