Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC212KSIT Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SC212KSIT
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SC212KSIT Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SC212KSIT Datasheet HTML 1Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 2Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 3Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 4Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 5Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 6Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 7Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 8Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SC212KSIT
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
3/13
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
8
V
Filter Pin
VFILTER
8
V
Analog Output Pin
VIOUT
32
V
Overcurrent Input Pin
VOC
8
V
Overcurrent
FAULT Pin
V FAULT
8
V
Fault Enable (FAULT_EN) Pin
VFAULTEN
8
V
Voltage Reference Output Pin
VZCR
8
V
DC Reverse Voltage: VCC, FILTER, VIOUT,
VOC, FAUL, FAULT _EN, and VZCR Pins
VRdcx
–0.5
V
Excess to Supply Voltage: FILTER, VIOUT,
VOC , FAULT , FAULT_EN, and VZCR Pins
VEX
Voltage by which pin
voltage can exceed
the VCC pin voltage
0.3
V
Output Current Source
IIOUT(Source)
3
mA
Output Current Sink
IIOUT(Sink)
1
mA
Operating Ambient Temperature
TA
Range K
–40 to 125
°C
Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C
Isolation Characteristics
Characteristic
Symbol
Notes
Rating
Unit
Dielectric Strength Test Voltage*
VISO
Agency type-tested for 60 seconds per
UL standard 1577
3000
VAC
Working Voltage for Basic Isolation
VWFSI
For
basic
(single)
isolation
per
UL
standard 1577; for
higher
continuous
voltage ratings, please contact SEC
277
VAC
Thermal Characteristics
Characteristic
Symbol
Test Conditions
Value Unit
Package Thermal Resistance
RθJA
When mounted on SEC demo board with 1332 mm2 (654
mm2 on component side and 678 mm2 on opposite side)
of 2 oz. copper connected to the primary lead frame and
17
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com