Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC212KSIT Datasheet(PDF) 7 Page - SEC Electronics Inc.

Part # SC212KSIT
Description  120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SC212KSIT Datasheet(HTML) 7 Page - SEC Electronics Inc.

Back Button SC212KSIT Datasheet HTML 3Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 4Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 5Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 6Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 7Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 8Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 9Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 10Page - SEC Electronics Inc. SC212KSIT Datasheet HTML 11Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SC212KSIT
120 kHz Bandwidth, High Voltage Isolation
Current Sensor with Integrated Overcurrent Detection
7/13
1. Devices are programmed for maximum accuracy at VCC = 5 V. The device contains ratiometry circuits that accurately alter
the 0 A Output Voltage and Sensitivity level of the device in proportion to the applied VCC level. However, as a result of
minor nonlinearities in the ratiometry circuit, additional output error will result when VCC varies from the VCC level at
which the device was programmed. Customers that plan to operate the device at a VCC level other than the VCC level at
which the device was programmed should contact their local SEC sales representative regarding expected device accuracy
levels
2. Under these bias conditions.
3. RF(INT) forms an RC circuit via the FILTER pin.
4. This parameter can drift by as much as 0.8% over the lifetime of this product.
5. This parameter can drift by as much as 1% over the lifetime of this product.
6. See page 8 on how to set overcurrent fault switch point.
7. Switchpoint can be lower at the expense of switch point accuracy.
8. This error specification does not include the effect of noise. See the INCOMP specification in order to factor in the additional
influence of noise on the fault switch point.
9. Fault Enable Delay is designed to avoid false tripping of an Overcurrent (OC) fault at power-
up. A 15 μs (typical) delay will
always be needed, every time FAULT_EN is raised from low to high, before the device is ready for responding to any
overcurrent event.
10. During power-
up, this delay is 15 μs in order to avoid false tripping of an Overcurrent (OC) fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com