Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012J000CS Datasheet(PDF) 7 Page - Samsung semiconductor

Part # RC2012J000CS
Description  Thick Film Chip Resistor ( General )
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012J000CS Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button RC2012J000CS Datasheet HTML 3Page - Samsung semiconductor RC2012J000CS Datasheet HTML 4Page - Samsung semiconductor RC2012J000CS Datasheet HTML 5Page - Samsung semiconductor RC2012J000CS Datasheet HTML 6Page - Samsung semiconductor RC2012J000CS Datasheet HTML 7Page - Samsung semiconductor RC2012J000CS Datasheet HTML 8Page - Samsung semiconductor RC2012J000CS Datasheet HTML 9Page - Samsung semiconductor RC2012J000CS Datasheet HTML 10Page - Samsung semiconductor RC2012J000CS Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
●
MECHANICAL CHARACTERISTIC
item
Permissible deviation
Test method
Resistor
Jumper
Withstanding
voltage
묤
No mechanical
damage, short circuit,
or disconnection.
Same as
left
묤
Standard : JIS C 5201-1 4.7
묤
Test voltage : 0603,1005,1608 AC 100V,
others AC 500V
묤
Applying time : 60 +10/-0 seconds
묤
Test board : <Fig 13>
Insulation
resistance
묤
Should have more
than 1,000MΩ
Same as
left
묤
Standard : JIS C 5201- 4.7
묤
Test voltage : 0603,1005,1608 DC 100V,
others DC 500V
묤
Applying time : 60 seconds
묤
Test pressure : 1.0±0.2 N
묤
Test board : <Fig 13>
Noise
묤
Noise standard
<Table 10>
-
묤
Measure equipment : QUAN-TECH NOISE
METER
(MODEL 315C)
Range ( Ω)
dB Max.
1≤ R < 100
-10
100 ≤ R < 1K
0
1K ≤ R < 100K
15
100K ≤ R < 1M
20
1M ≤ R < 10M
30
The mechanical characteristic test should satisfy the test method, procedure, and standard.
If there is no special comment, each test is performed at standard conditions.
(temperature 20℃, humidity 65%RH, pressure 1023mbar)
item
Permissible deviation
Test method
Resistor
Jumper
Solderability
묤 New solder
coated more than
95% of termination
Same as
left
묤 Standard : JIS C 5201-1 4.17
묤 Test temperature : 245 ± 5℃
묤 Test time : 3 ± 0.5 sec (dipping both side)
Bending
strength
1. No mechanical
damage
2. ΔR should be
within ±(0.5%+0.05Ω)
Same as
left
묤 Standard : JIS C 5201-1 4.33
묤 Test board : <Fig 12>
묤 Test speed : 100mm/min
묤 Test procedure : press until 3mm,
then keep 5 seconds <Fig 14>
20
R205
3
<Fig 14>
0603:±(1.0%+0.1%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com