Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012J000CS Datasheet(PDF) 9 Page - Samsung semiconductor

Part # RC2012J000CS
Description  Thick Film Chip Resistor ( General )
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012J000CS Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button RC2012J000CS Datasheet HTML 5Page - Samsung semiconductor RC2012J000CS Datasheet HTML 6Page - Samsung semiconductor RC2012J000CS Datasheet HTML 7Page - Samsung semiconductor RC2012J000CS Datasheet HTML 8Page - Samsung semiconductor RC2012J000CS Datasheet HTML 9Page - Samsung semiconductor RC2012J000CS Datasheet HTML 10Page - Samsung semiconductor RC2012J000CS Datasheet HTML 11Page - Samsung semiconductor RC2012J000CS Datasheet HTML 12Page - Samsung semiconductor RC2012J000CS Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
●
TEST BOARD AND SPECIFICATION
▶
Soldering (for lead free type)
▷
The resistor should be fixed on PCB(printed circuit board) for testing.
- Soldering specification : JIS C 5201-1 4.18
* Soldering method : Flow type (Dipping type)
* Solder : Sn -3.0 Ag -0.5 Cu
* FLUX : ROSIN 25WT% (JIS K 5902), IPA 75WT% (JIS K 5901)
- Flow soldering condition
* FLUX dipping time : 5∼10 sec
* Pre-treatment : None
* Soldering temp : 260℃±5℃
* Soldering time : 10±1 sec
item
Permissible deviation
Test method
Resistor
Jumper
Low
temperature
exposure
1. No mechanical
damage
2. ΔR should be
within ±(3%+0.1Ω)
50mΩ
Maximum
묤 Standard : JIS C 5201-1 4.23
묤 Test temperature : -55 ± 2℃
묤 Test time : 1000
+4 8 hours (without load)
묤 Measure : after 1 hour
묤 Test board : <Fig 11>
High
temperature
exposure
1. No mechanical
damage
2. ΔR should be
within ±(3%+0.1Ω)
50mΩ
Maximum
묤 Standard : JIS C 5201-1 4.23
묤 Test temperature : 1608,2012,3216 155±2℃,
Others 125 ± 2℃
묤 Test time : 1000
+4 8 hours (without load)
묤 Measure : after 1 hour
묤 Test board : <Fig 11>
Load life
1. No mechanical
damage
2. ΔR should be
within <Table 13>
50mΩ
Maximum
묤 Standard : JIS C 5201-1 4.25
묤 Test temperature : 70 ± 2℃
묤 Test voltage : rated voltage
묤 Test time :repeat90min ON, 30min OFF
during 1000
+4 8 hours
묤 Test board : <Fig 11>.
<Table 13>
Range( Ω)
ΔRMAX
1≤ R < 10
±
5%
10 ≤ R < 1M
±(3% +0 .1Ω)
1M ≤ R < 10M
±
5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com