Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012J000CS Datasheet(PDF) 2 Page - Samsung semiconductor

Part # RC2012J000CS
Description  Thick Film Chip Resistor ( General )
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012J000CS Datasheet(HTML) 2 Page - Samsung semiconductor

  RC2012J000CS Datasheet HTML 1Page - Samsung semiconductor RC2012J000CS Datasheet HTML 2Page - Samsung semiconductor RC2012J000CS Datasheet HTML 3Page - Samsung semiconductor RC2012J000CS Datasheet HTML 4Page - Samsung semiconductor RC2012J000CS Datasheet HTML 5Page - Samsung semiconductor RC2012J000CS Datasheet HTML 6Page - Samsung semiconductor RC2012J000CS Datasheet HTML 7Page - Samsung semiconductor RC2012J000CS Datasheet HTML 8Page - Samsung semiconductor RC2012J000CS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
● RESISTANCE TOLERANCE
3
<Fig 1>
The Resistance Tolerance is expressed as 1 digit alphabet by EIAJ standard. <Table 2>
<Table 2>
The dimension is expressed as 4 digits number by SI unit (mm). <Table 1>
Left 2 digits are length of resistor, and the other 2 digits are width. <Fig 1>
L
l
2
l
1
W
H
item
G
J
K
M
Tolerance (%)
±
2
±
5
±
10
±
20
Producing Series
E-48
E-24
E-12
E-6
Dimension ※0402
0603
1005
1608
2012
3216
3225
5025
6432
(inch)
(01005)
(0201)
(0402)
(0603)
(0805)
(1206)
(1210)
(2010)
(2512)
L
0.40±0.02 0.60±0.03 1.00±0.05 1.60±0.10 2.00±0.20 3.20±0.20 3.20±0.20 5.00±0.20 6.30±0.20
W
0.20±0.02 0.30±0.03 0.50±0.05 0.80±0.15 1.25±0.15 1.60±0.15 2.55±0.20 2.50±0.20 3.20±0.20
H
0.12±0.02 0.23±0.03 0.35±0.05 0.45±0.10 0.50±0.10 0.55±0.10 0.55±0.10 0.55±0.10 0.55±0.10
l1
0.10±0.03 0.10±0.05 0.20±0.10 0.30±0.20 0.40±0.20 0.45±0.20 0.45±0.20 0.60±0.20 0.60±0.20
l2
0.10±0.03 0.15±0.05 0.25±0.10 0.35±0.10 0.35±0.20 0.40±0.20 0.40±0.20 0.60±0.20 0.60±0.20
[Unit: ㎜ ]
<Table 1>
※
New : under developing('07)
● DIMENSION
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com