Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2012J000CS Datasheet(PDF) 13 Page - Samsung semiconductor

Part # RC2012J000CS
Description  Thick Film Chip Resistor ( General )
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012J000CS Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button RC2012J000CS Datasheet HTML 9Page - Samsung semiconductor RC2012J000CS Datasheet HTML 10Page - Samsung semiconductor RC2012J000CS Datasheet HTML 11Page - Samsung semiconductor RC2012J000CS Datasheet HTML 12Page - Samsung semiconductor RC2012J000CS Datasheet HTML 13Page - Samsung semiconductor RC2012J000CS Datasheet HTML 14Page - Samsung semiconductor RC2012J000CS Datasheet HTML 15Page - Samsung semiconductor RC2012J000CS Datasheet HTML 16Page - Samsung semiconductor RC2012J000CS Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
●
TAPING METHOD
There are empty holes at both start part and end part of carrier tape. <Fig 5>
<Fig 5>
Reel
Packed Part
Empty Part
Lead Part
Adhesion Tape
***
**
****
Empty Portion
Chips
Empty Portion
Lead Part
10 Pitches
or more
5,000 Pitches
or
20,000 Pitches
10 Pitches
or more
200~250 mm
Note
①
The resistor should move in the pocket freely.
②
The resistor should not adhere to the top or bottom tape.
③
There should be no vacant pocket.
④
Peeling strength of the top tape should be within 5gf and 80gf. <Fig 6>
<Fig 6>
0~10°
Top Tape
Chip Resistor
Carrier Tape
Bottom Tape
F
Peeling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com