Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC161S997RGHT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 4 Page - Texas Instruments

  DAC161S997RGHT Datasheet HTML 1Page - Texas Instruments DAC161S997RGHT Datasheet HTML 2Page - Texas Instruments DAC161S997RGHT Datasheet HTML 3Page - Texas Instruments DAC161S997RGHT Datasheet HTML 4Page - Texas Instruments DAC161S997RGHT Datasheet HTML 5Page - Texas Instruments DAC161S997RGHT Datasheet HTML 6Page - Texas Instruments DAC161S997RGHT Datasheet HTML 7Page - Texas Instruments DAC161S997RGHT Datasheet HTML 8Page - Texas Instruments DAC161S997RGHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DAC161S997
SNAS621 – JUNE 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
MIN
MAX
UNIT
Supply voltage (VA, VD to COMA, COMD)
–0.3
6
V
Voltage between any two pins(3)
6
V
Current IN or OUT of any pin — except OUT pin(3)
5
mA
Output current at OUT
50
mA
Electrostatic Discharge Rating
Human Body Model (HBM)(4)
2
kV
Junction Temperature
150
°C
Operating Temperature
–40
105
°C
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are measured with respect to COMA = COMD = 0 V, unless otherwise specified.
(3)
When the input voltage (VIN) at any pin exceeds power supplies (VIN < COMA or VIN > VA), the current at that pin must not exceed 5
mA, and the voltage (VIN) at that pin relative to any other pin must not exceed 6 V. See for Pin Descriptions for additional details of
input structures.
(4)
The Human Body Model (HBM) is a 100 pF capacitor charged to the specified voltage then discharged through a 1.5 k
Ω resistor into
each pin.
THERMAL CHARACTERISTICS
DAC161S997
WQFN
UNIT
16 PINS
θJA
Package thermal impedance(1)
35
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
BASE load to COMA
0
15
pF
(COMA - COMD)
0
V
OUT load to COMA
none
(VA - VD)
0
V
VA, VDD
Supply voltage range
2.7
3.6
V
TA
Temperature Range
–40
105
°C
4
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com