Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC161S997RGHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC161S997RGHT Datasheet HTML 9Page - Texas Instruments DAC161S997RGHT Datasheet HTML 10Page - Texas Instruments DAC161S997RGHT Datasheet HTML 11Page - Texas Instruments DAC161S997RGHT Datasheet HTML 12Page - Texas Instruments DAC161S997RGHT Datasheet HTML 13Page - Texas Instruments DAC161S997RGHT Datasheet HTML 14Page - Texas Instruments DAC161S997RGHT Datasheet HTML 15Page - Texas Instruments DAC161S997RGHT Datasheet HTML 16Page - Texas Instruments DAC161S997RGHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DACCODE (hex)
24.0
21.5
20.0
4.0
3.5
0.4
0.2
Programmable IERROR
Programmable IERROR
MIN(ILOOP) ± Loop Powered
MIN(ILOOP) ± Self Powered
DAC161S997
www.ti.com
SNAS621 – JUNE 2013
Figure 10 shows the variant of the transmitter where the local supply provides supply currents to the system
blocks, and not the 4-20mA loop Self-Powered Transmitter. The ame basic relationship between the ILOOP and
IDAC continues, but the component currents of ILOOP are only IDAC and IE.
DC Input-Output Transfer Function
The output current sourced by the OUT pin of the device is expressed by Equation 2.
ILOOP = 24 mA (DACCODE / 2
16)
(2)
The valid DACCODE range is the full 16-bit code space (0x0000 to 0xFFFF), resulting in the IDAC range of 0 to
approximately 12
μA, which, however, does not result in the ILOOP range of 0 to 24 mA. The maximum output
current sourced out of OUT pin, ILOOP, is 24 mA. The minimum output current is dependent on the system
implementation. The minimum output current is the sum of the supply currents of the DAC161S997 internal
blocks, IA, ID, and companion devices present in the system, IAUX. The last component current, IE, is theoretically
controlled down to 0, however, due to the stability considerations of the control loop, not allowing the IE to drop
below 200
μA is advised.
The graph in Figure 11 shows the DC transfer characteristic of the 4-20mA transmitter, including minimum
current limits. The minimum current limit for the Loop-Powered Transmitter is typically around 400
μA (ID+ IA +
IAUX + IE). The minimum current limit for the Self-Powered Transmitter is typically around 200 μA (IE). Typical
values for ID and IA are listed in the ELECTRICAL CHARACTERISTICS table. IE depends on the BJT device
used.
Figure 11. DAC-DC Transfer Function
Loop Interface
The DAC161S997 cannot directly interface to the typical 4 - 20 mA loop due to the excessive loop supply
voltage. The loop interface has to provide the means of stepping down the LOOP Supply to 3.6V. This can be
accomplished with either a linear regulator (LDO) or switching regulator while keeping in mind that the regulator’s
quiescent current will have direct effect on the minimum achievable ILOOP (see DC Input-Output Transfer
Function).
The second component of the loop interface is the external NPN transistor (BJT). This device is part of the
control circuit that regulates the transmitter’s output current (ILOOP). Since the BJT operates over the wide current
range, spanning at least 4 - 20 mA, it is necessary to degenerate the emitter in order to stabilize transistor’s
transconductance (gm). The degeneration resistor of 22Ω is suggested in typical applications. For circuit details,
see Figure 22.
The NPN BJT should not be replaced with an N-channel FET (Field Effect Transistor) for the following reasons:
discrete FET’s typically have high threshold voltages (VT), in the order of 1.5V to 2V, which is beyond the BASE
output maximum range; discrete FET’s present higher load capacitance which may degrade system stability
margins; and BASE output relies on the BJT’s base current for biasing.
Copyright © 2013, Texas Instruments Incorporated
13
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com