Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC161S997RGHT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 2 Page - Texas Instruments

  DAC161S997RGHT Datasheet HTML 1Page - Texas Instruments DAC161S997RGHT Datasheet HTML 2Page - Texas Instruments DAC161S997RGHT Datasheet HTML 3Page - Texas Instruments DAC161S997RGHT Datasheet HTML 4Page - Texas Instruments DAC161S997RGHT Datasheet HTML 5Page - Texas Instruments DAC161S997RGHT Datasheet HTML 6Page - Texas Instruments DAC161S997RGHT Datasheet HTML 7Page - Texas Instruments DAC161S997RGHT Datasheet HTML 8Page - Texas Instruments DAC161S997RGHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
COMA
BASE
OUT
C2
SCLK
C3
SDI
C1
VD
ERRLVL
CSB
VA
COMD
40
µC
Sensor
SPI
IN
HART Modulator
LDO
I n d u s t r i a l 4 - 2 0 m A T r a n s m i t t e r
0-24 mA Loop
+
-
LOOP
SUPPLY
LOOP
RECEIVER
80k
IDAC
ÐÂ DAC
16
DAC161S997
LOOP+
LOOP-
ERRB
+
-
INT
SDO
NC
VD
Internal
Reference
DAC161S997
SNAS621 – JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE INFORMATION
Functional Block Diagram
4-20 mA CURRENT LOOP TRANSMITTER
The DAC161S997 is a 16-bit DAC realized as a
∑Δ modulator. The DAC’s output is a current pulse train that is
filtered by the on-board low pass RC filter. The final output current is a multiplied copy of the filtered modulator
output. This architecture ensures an excellent linearity performance, while minimizing power consumption of the
device.
The DAC161S997 eases the design of robust, precise, long-term stable industrial systems by integrating all
precision elements on-chip. Only a few external components are needed to realize a low-power, high-precision
industrial 4 - 20 mA transmitter.
In case of a fault, or during initial power-up the DAC161S997 will output current in either upper or lower error
current band. The choice of band is user selectable via a device pin. The error current value is user
programmable via SPI.
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com