Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC161S997RGHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997RGHT
Description  16-bit SPI Programmable DAC for 4-20mA Loops
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997RGHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC161S997RGHT Datasheet HTML 17Page - Texas Instruments DAC161S997RGHT Datasheet HTML 18Page - Texas Instruments DAC161S997RGHT Datasheet HTML 19Page - Texas Instruments DAC161S997RGHT Datasheet HTML 20Page - Texas Instruments DAC161S997RGHT Datasheet HTML 21Page - Texas Instruments DAC161S997RGHT Datasheet HTML 22Page - Texas Instruments DAC161S997RGHT Datasheet HTML 23Page - Texas Instruments DAC161S997RGHT Datasheet HTML 24Page - Texas Instruments DAC161S997RGHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
CSB
SDI
SDO
SPI Write n
Register Load
SCLK
Addr n
Data n
Prior Data
Prior Addr
8
1 2
9
24
XFER_REG
0x00FF
Data n
Addr n
8
1 2
9
24
NOP
NOP
0xXXXX
0x00FF
XFER_REG
8
1 2
9
24
CSB
SDI
SDO
SPI Write n
Register Load
SCLK
Addr n
Data n
Prior Data
Prior Addr
8
1 2
9
24
XFER_REG
0x00FF
Data n
Addr n
8
1 2
9
24
DAC161S997
www.ti.com
SNAS621 – JUNE 2013
OPTIONAL PROTECTED SPI WRITES
The DAC161S997 supports an optional SPI protocol intended to provide robust support against SPI write errors.
When PROTECT_REG_WR is set to 1, all register writes require a subsequent XFER_REG command (a write of
0x00FF to XFER_REG[0x01]) to load the transferred data into the register address (see Figure 18). This
requirement provides protection against write errors in an electrically noisy environment.
Figure 18. Protected SPI writes
SPI Write Error Correction
To minimize the chance of a SPI write error, TI recommends to append a NOP command onto the end of every
register write sequence to verify that the XFER_REG is properly executed, as shown in Figure 19.
Figure 19. Protected SPI writes with NOP command
The XFER_REG command combined with the automatic SDO loopback of the previous SPI write data prevents
loading of incorrect data into a register. If the loopback indicates a communication error has occurred (see
Figure 20), the CSB pin is held low and the previous write command is repeated. Although the second SPI
transaction had 48 SCLK pulses instead of 24 pulses, this is not considered a frame error. A frame error is
indicated when the number of SCLK pulses is not an integer multiple of 24.
Copyright © 2013, Texas Instruments Incorporated
21
Product Folder Links: DAC161S997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com