Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBQ9WP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LEBQ9WP
Description  Compact light source in SMT technology, glass window on top, RoHS compliant..
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBQ9WP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LEBQ9WP Datasheet HTML 4Page - OSRAM GmbH LEBQ9WP Datasheet HTML 5Page - OSRAM GmbH LEBQ9WP Datasheet HTML 6Page - OSRAM GmbH LEBQ9WP Datasheet HTML 7Page - OSRAM GmbH LEBQ9WP Datasheet HTML 8Page - OSRAM GmbH LEBQ9WP Datasheet HTML 9Page - OSRAM GmbH LEBQ9WP Datasheet HTML 10Page - OSRAM GmbH LEBQ9WP Datasheet HTML 11Page - OSRAM GmbH LEBQ9WP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2012-06-27
8
Version 2.0
LE B Q9WP
Forward Current 5) page 19
Durchlassstrom 5) Seite 19
I
F = f (VF); TJ = 25 °C
Relative Radiant Power 5) page 19 , 6) page 19
Relative Strahlungsleistung 5) Seite 19 , 6) Seite 19
Φ
E/ΦE(1400 mA) = f(IF); TJ = 25 °C
Dominant Wavelength 5) page 19
Dominante Wellenlänge 5) Seite 19
λ
dom = f(IF); TJ = 25 °C
LE B Q9WP
2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4
UF [V]
1000
2000
3000
4000
5000
6000
IF [mA]
LE B Q9WP
IF [mA]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ΦE
ΦE(1400 mA)
30IDL20060009
1000 2000 3000 4000 5000 6000
IF [mA]
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Δλ[nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com