Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBQ9WP Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LEBQ9WP
Description  Compact light source in SMT technology, glass window on top, RoHS compliant..
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBQ9WP Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LEBQ9WP Datasheet HTML 2Page - OSRAM GmbH LEBQ9WP Datasheet HTML 3Page - OSRAM GmbH LEBQ9WP Datasheet HTML 4Page - OSRAM GmbH LEBQ9WP Datasheet HTML 5Page - OSRAM GmbH LEBQ9WP Datasheet HTML 6Page - OSRAM GmbH LEBQ9WP Datasheet HTML 7Page - OSRAM GmbH LEBQ9WP Datasheet HTML 8Page - OSRAM GmbH LEBQ9WP Datasheet HTML 9Page - OSRAM GmbH LEBQ9WP Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2012-06-27
6
Version 2.0
LE B Q9WP
Relative Spectral Emission - V(
λ) = Standard eye response curve 5) page 19 , 1) page 19
Relative spektrale Emission - V(
λ) = spektrale Augenempfindlichkeit 5) Seite 19 , 1) Seite 19
Φ
rel = f (λ); TJ = 25 °C; IF = 1400 mA
Radiation Characteristics 5) page 19
Abstrahlcharakteristik 5) Seite 19
I
rel = f (ϕ); TJ = 25 °C
0
400
550
450
500
600
650
nm
λ
700
OHL31492
20
40
60
80
%
100
rel
blue
λ
V
Φ
OHL03736
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com