Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108 Datasheet(HTML) 4 Page - Texas Instruments

  TMP108 Datasheet HTML 1Page - Texas Instruments TMP108 Datasheet HTML 2Page - Texas Instruments TMP108 Datasheet HTML 3Page - Texas Instruments TMP108 Datasheet HTML 4Page - Texas Instruments TMP108 Datasheet HTML 5Page - Texas Instruments TMP108 Datasheet HTML 6Page - Texas Instruments TMP108 Datasheet HTML 7Page - Texas Instruments TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Temperature Error (
ƒC)
C006
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Mean
± 31
Mean
Mean + 31
C005
20
22
24
26
28
30
32
34
36
38
40
±50
0
50
100
150
Temperature (
ƒC)
V+ = 1.4 V
V+ = 1.8 V
V+ = 3.6 V
C003
0
10
20
30
40
50
60
70
80
90
1000
10k
100k
1M
10M
Bus Frequency (Hz)
Ta =
±55ƒC
Ta = +25
ƒC
Ta = +125
ƒC
C004
1k
T
A = ±55ƒC
T
A = +25ƒC
T
A = +125ƒC
0
2
4
6
8
10
12
±50
0
50
100
150
Temperature (
ƒC)
V+ = 1.4 V
V+ = 1.8 V
V+ = 3.6 V
C001
0
1
2
3
4
5
6
7
8
9
10
±50
0
50
100
150
Temperature (
ƒC)
V+ = 1.4 V
V+ = 1.8 V
V+ = 3.6 V
C002
TMP108
SBOS663 – APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 1.8 V, unless otherwise noted.
Figure 1. QUIESCENT CURRENT vs TEMPERATURE (1
Figure 2. SHUTDOWN CURRENT vs TEMPERATURE
Conversion per Second)
Figure 3. CONVERSION TIME vs TEMPERATURE
Figure 4. QUIESCENT CURRENT vs BUS FREQUENCY
Figure 5. TEMPERATURE ERROR vs TEMPERATURE
Figure 6. TEMPERATURE ERROR AT +25°C
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com