Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108 Datasheet(HTML) 3 Page - Texas Instruments

  TMP108 Datasheet HTML 1Page - Texas Instruments TMP108 Datasheet HTML 2Page - Texas Instruments TMP108 Datasheet HTML 3Page - Texas Instruments TMP108 Datasheet HTML 4Page - Texas Instruments TMP108 Datasheet HTML 5Page - Texas Instruments TMP108 Datasheet HTML 6Page - Texas Instruments TMP108 Datasheet HTML 7Page - Texas Instruments TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TMP108
www.ti.com
SBOS663 – APRIL 2013
ELECTRICAL CHARACTERISTICS
At TA = +25°C, and V+ = +1.8 V, unless otherwise noted.
TMP108
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
+125
°C
–20°C to +85°C
±0.15
±0.75
°C
Accuracy (temperature
error)
–40°C to +125°C
±0.3
±1
°C
Accuracy vs supply
±0.03
±0.3
°C/V
DIGITAL INPUT/OUTPUT
VIH
Input logic high level
0.7 (V+)
V+
V
VIL
Input logic low level
-0.5
0.3 (V+)
V
IIN
Input current
0 V < VIN < (V+) +0.3 V
1
μA
V+ > 2 V, IOUT = 3 mA
0.4
V
VOL
Output logic low level
V+ < 2 V, IOUT = 3 mA
0.2 (V+)
V
ALERT internal pull-up
ALERT to V+
80
100
120
k
Ω
resistor
Resolution
12
Bit
Conversion time
One-Shot mode
21
27
33
ms
CR1 = 0, CR0 = 0
0.25
Conv/s
CR1 = 0, CR0 = 1 (default)
1
Conv/s
Conversion modes
CR1 = 1, CR0 = 0
4
Conv/s
CR1 = 1, CR0 = 1
16
Conv/s
Timeout time
21
28
35
ms
POWER SUPPLY
Operating supply range,
1.4
3.6
V
V+ pin
Serial bus inactive, CR1 = 0, CR0 = 1 (default)
2
3.5
μA
Serial bus inactive, CR1 = 0, CR0 = 1 (default), –40°C to +125°C
6
μA
Serial bus active, SCL frequency = 400 kHz, CR1 = 0,
IQ
Quiescent current
12
μA
CR0 = 1 (default)
Serial bus active, SCL frequency = 3.4 MHz, CR1 = 0,
82
μA
CR0 = 1 (default)
Serial bus inactive
0.3
1
μA
ISD
Shutdown current
Serial bus active, SCL frequency = 400 kHz
10
μA
Serial bus active, SCL frequency = 3.4 MHz
80
μA
TEMPERATURE
Specified range
–40
+125
°C
Storage range
–55
+150
°C
THERMAL INFORMATION
TMP108
THERMAL METRIC(1)
YFF (DSBGA)
UNITS
6 PINS
θJA
Junction-to-ambient thermal resistance
132.7
θJC(top)
Junction-to-case(top) thermal resistance
1.7
θJB
Junction-to-board thermal resistance
23
°C/W
ψJT
Junction-to-top characterization parameter
6
ψJB
Junction-to-board characterization parameter
22.6
θJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com