Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments TMP108 Datasheet HTML 10Page - Texas Instruments TMP108 Datasheet HTML 11Page - Texas Instruments TMP108 Datasheet HTML 12Page - Texas Instruments TMP108 Datasheet HTML 13Page - Texas Instruments TMP108 Datasheet HTML 14Page - Texas Instruments TMP108 Datasheet HTML 15Page - Texas Instruments TMP108 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TMP108
SBOS663 – APRIL 2013
www.ti.com
SERIAL INTERFACE
The TMP108 operates as a slave device only on the two-wire bus and SMBus. Connections to the bus are made
using the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated spike-suppression filters
and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP108 supports the
transmission protocol for both fast (1 kHz to 400 kHz) and high-speed (1 kHz to 3.4 MHz) modes. All data bytes
are transmitted MSB first.
SERIAL BUS ADDRESS
To communicate with the TMP108, the master must first communicate with slave devices using a slave address
byte. The slave address byte consists of seven address bits, and a direction bit indicating the intent of executing
either a read or write operation. The TMP108 features an address pin that allows up to four devices to be
addressed on a single bus. The TMP108 latches the status of the address pin at the start of a communication.
Table 11 describes the pin logic levels and the corresponding address values. Other values for the fixed address
bits are available by request.
Table 11. Address Pin and Slave Addresses
DEVICE TWO-WIRE ADDRESS
A0 PIN CONNECTION
1001000
Ground
1001001
V+
1001010
SDA
1001011
SCL
BUS OVERVIEW
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the start and stop conditions.
To address a specific device, initiate a start condition by pulling the data line (SDA) from a high to a low logic
level while SCL is high. All slaves on the bus shift in the slave address byte; the last bit indicates whether a read
or write operation follows. During the ninth clock pulse, the slave being addressed responds to the master by
generating an acknowledge bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During data
transfer, SDA must remain stable while SCL is high because any change in SDA while SCL is high is interpreted
as a start or stop signal.
After all data have been transferred, the master generates a stop condition indicated by pulling SDA from low to
high, while SCL is high.
WRITING/READING OPERATION
Accessing a particular register on the TMP108 is accomplished by writing the appropriate value to the pointer
register. The value for the pointer register is the first byte transferred after the slave address byte with the R/W
bit low. Every write operation to the TMP108 requires a value for the pointer register (see Figure 13).
When reading from the TMP108, the last value stored in the pointer register by a write operation is used to
determine which register is read by a read operation. To change the register pointer for a read operation, a new
value must be written to the pointer register. This action is accomplished by issuing a slave address byte with the
R/W bit low, followed by the pointer register byte. No additional data are required. The master can then generate
a start condition and send the slave address byte with the R/W bit high to initiate the read command. See
Figure 14 for details of this sequence. If repeated reads from the same register are desired, it is not necessary to
continually send the pointer register bytes because the TMP108 stores the pointer register value until it is
changed by the next write operation.
Note that register bytes are sent with the most significant byte first, followed by the least significant byte.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com