Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108 Datasheet(HTML) 2 Page - Texas Instruments

  TMP108 Datasheet HTML 1Page - Texas Instruments TMP108 Datasheet HTML 2Page - Texas Instruments TMP108 Datasheet HTML 3Page - Texas Instruments TMP108 Datasheet HTML 4Page - Texas Instruments TMP108 Datasheet HTML 5Page - Texas Instruments TMP108 Datasheet HTML 6Page - Texas Instruments TMP108 Datasheet HTML 7Page - Texas Instruments TMP108 Datasheet HTML 8Page - Texas Instruments TMP108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
GND
SCL
SDA
V+
A0
ALERT
A1
B1
C1
A2
B2
C2
TMP108
SBOS663 – APRIL 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
TMP108
UNIT
Supply voltage
3.6
V
Input voltage for SDA and SCL(2)
–0.5 to 3.6
V
Input voltage for A0 and ALERT
–0.5 to (V+) + 0.3
V
Operating temperature
–55 to +150
°C
Storage temperature
–60 to +150
°C
Junction temperature
+150
°C
Electrostatic
Human body model (HBM)
2000
V
discharge (ESD)
Charged device model (CDM)
1000
V
ratings
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
If A0 is connected to SCL or SDA, the input voltage rating for A0 applies to SCL or SDA.
PIN CONFIGURATION
YFF PACKAGE
DSBGA-6
(TOP VIEW)
PIN DESCRIPTIONS
PIN
PIN
DESCRIPTION
NAME
NUMBER
A0
B1
Address selection pin
ALERT
C1
Alert output pin
GND
A2
Ground
SCL
B2
Input clock pin
SDA
C2
Input/output data pin
V+
A1
Supply Voltage (1.4 V to 3.6 V)
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com