Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5809ZCF Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5809ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809ZCF Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE5809ZCF Datasheet HTML 35Page - Texas Instruments AFE5809ZCF Datasheet HTML 36Page - Texas Instruments AFE5809ZCF Datasheet HTML 37Page - Texas Instruments AFE5809ZCF Datasheet HTML 38Page - Texas Instruments AFE5809ZCF Datasheet HTML 39Page - Texas Instruments AFE5809ZCF Datasheet HTML 40Page - Texas Instruments AFE5809ZCF Datasheet HTML 41Page - Texas Instruments AFE5809ZCF Datasheet HTML 42Page - Texas Instruments AFE5809ZCF Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
AFE5809
www.ti.com
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
Table 5. Register 52[4:0] Description (continued)
52[4:0]/0x34[4:0]
FUNCTION
10000
Enables 4500
Ω feedback resistor
Programmable Gain for CW Summing Amplifier
Different gain can be configured for the CW summing amplifier through the register 54[4:0]. By enabling and
disabling the feedback resistors between the summing amplifier inputs and outputs, the gain is adjustable
accordingly to maximize the dynamic range of CW path. Table 6 describes the relationship between the summing
amplifier gain and 54[4:0] settings.
Table 6. Register 54[4:0] Description
54[4:0]/0x36[4:0]
FUNCTION
00000
No feedback resistor
00001
Enables 250
Ω feedback resistor
00010
Enables 250
Ω feedback resistor
00100
Enables 500
Ω feedback resistor
01000
Enables 1000
Ω feedback resistor
10000
Enables 2000
Ω feedback resistor
Table 7. Register 54[4:0] vs Summing Amplifier Gain
54[4:0]/0x36[4:0]
00000
00001
00010
00011
00100
00101
00110
00111
CW I/V Gain
N/A
0.50
0.50
0.25
1.00
0.33
0.33
0.20
54[4:0]/0x36[4:0]
01000
01001
01010
01011
01100
01101
01110
01111
CW I/V Gain
2.00
0.40
0.40
0.22
0.67
0.29
0.29
0.18
54[4:0]/0x36[4:0]
10000
10001
10010
10011
10100
10101
10110
10111
CW I/V Gain
4.00
0.44
0.44
0.24
0.80
0.31
0.31
0.19
54[4:0]/0x36[4:0]
11000
11001
11010
11011
11100
11101
11110
11111
CW I/V Gain
1.33
0.36
0.36
0.21
0.57
0.27
0.27
0.17
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com